Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3319 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3319
Description  The SPV1040 is a high efficiency, low power and low voltage DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3319 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3319 Datasheet HTML 10Page - STMicroelectronics AN3319 Datasheet HTML 11Page - STMicroelectronics AN3319 Datasheet HTML 12Page - STMicroelectronics AN3319 Datasheet HTML 13Page - STMicroelectronics AN3319 Datasheet HTML 14Page - STMicroelectronics AN3319 Datasheet HTML 15Page - STMicroelectronics AN3319 Datasheet HTML 16Page - STMicroelectronics AN3319 Datasheet HTML 17Page - STMicroelectronics AN3319 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
External component selection
AN3319
14/25
DocID18265 Rev 8
6
External component selection
SPV1040 requires a set of external components and their proper selection guarantees both
the best chip functionality and system efficiency.
Input voltage capacitor
C
IN
is the input capacitor connected to the input rail in order to reduce the voltage ripple.
According to the maximum current (I
SC
) provided by the PV panel connected at the input,
the following formula should be considered to select the proper capacitance value for a
specified maximum input voltage ripple (V
IN_rp_max
):
Maximum voltage of this capacitor is strictly dependent on the input source (typically
between 1 V and 3 V).
Low-ESR capacitors are a good choice to increase the whole system efficiency. In order to
reduce the ESR effect, it is suggested to split the input capacitance into two capacitors
placed in parallel.
Input voltage partitioning
V
MPP-SET
is the pin used to monitor the voltage generated by the solar cells.
The V
MPP-SET
pin can be directly connected to PV+ rail through a 1 k
Ω R
3
resistor.
With regard to the V
MPP-SET
pin, two constraints must be taken into account:
•
When SPV1040 is off, V
MPP-SET
voltage must be
≥0.3 to turn-on the device
•
When SPV1040 is in operating mode, it enters BURST MODE if V
MPP-SET
decreases
triggering the 450 mV threshold.
Input voltage sensing capacitor
C
4
is placed as close as possible to the V
MPP-SET
pin to reject noise on V
MPP-SET
voltage.
However, V
MPP-SET
must be able to follow the V
IN
waveform to allow SPV1040 to monitor
input voltage variations.
It means that the time constant R
3
*C
4
must be chosen according to system properties,
which is the MPPT tracking time (T
MPP
≅1 ms). The rule below must be followed in order to
select C
4
capacitance:
Assuming R
3
= 1 k
Ω then:
C
IN
I
SC
F
SW
V
IN
⋅
-------------------------
≥
_rp_max
C
4
T
MP P
1
R
3
-------
10
3
–
1
10
3
---------
⋅
=
⋅
≤
C
4
10
μF
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com