Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3319 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3319
Description  The SPV1040 is a high efficiency, low power and low voltage DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3319 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3319 Datasheet HTML 14Page - STMicroelectronics AN3319 Datasheet HTML 15Page - STMicroelectronics AN3319 Datasheet HTML 16Page - STMicroelectronics AN3319 Datasheet HTML 17Page - STMicroelectronics AN3319 Datasheet HTML 18Page - STMicroelectronics AN3319 Datasheet HTML 19Page - STMicroelectronics AN3319 Datasheet HTML 20Page - STMicroelectronics AN3319 Datasheet HTML 21Page - STMicroelectronics AN3319 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
External component selection
AN3319
18/25
DocID18265 Rev 8
R
5
is a 0
Ω pull-up resistor shorting the XSHUT and MPP-SET pins.
Removing R5 enables the external control of the XSHUT pin to turn the SPV1040 on/off.
6.1
Optional Schottky
An external Schottky diode between L
x
and V
OUT
pins is mandatory in all the applications
with V
BATT_max
> 4.8 V.
In fact, voltage on L
x
pin can go above the maximum absolute voltage threshold (5.5 V) due
to the voltage drop on the high side integrated switch when this is off (discontinuous mode)
and current needs to flow from input to output.
This Schottky diode should be chosen according to the following criteria:
For setting up the application and simulating the related test results please go to
www.st.com/edesignstudio.
V
F
5.5 V
≤
BATT_max
and
I
F
I
≥
Lmax
V
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com