Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3319 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3319
Description  The SPV1040 is a high efficiency, low power and low voltage DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3319 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3319 Datasheet HTML 8Page - STMicroelectronics AN3319 Datasheet HTML 9Page - STMicroelectronics AN3319 Datasheet HTML 10Page - STMicroelectronics AN3319 Datasheet HTML 11Page - STMicroelectronics AN3319 Datasheet HTML 12Page - STMicroelectronics AN3319 Datasheet HTML 13Page - STMicroelectronics AN3319 Datasheet HTML 14Page - STMicroelectronics AN3319 Datasheet HTML 15Page - STMicroelectronics AN3319 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Schematic and bill of material
AN3319
12/25
DocID18265 Rev 8
5
Schematic and bill of material
Figure 11. STEVAL-ISV006V2 schematic
Table 1 shows the list of external components used in the demonstration board.
AM06706v1
V
bat+
optional
Lx
R
S1
PV+
L1
X
J
1
Battery Charge
Monitor circuit
XSHUT
GND
MPP SET
R
1
R
3
R
F1
R
F2
C
F
X
SHUT
R
5
V
LOAD+
Super
Cap
VR
10
MPP- SET
VR
2
VR
4
( DNM)
C
4
C
2
C
IN1
D
OUT
PV-
C
OUT2
R
11
V
LOAD-
R
9
C
OUT1
LOAD
V
bat-
I
CTRL_MINUS
I
CTRL_PLUS
V
OUT
V
CTRL
Table 1. BOM
Component
(alternate
label)
Name
Value
Supplier
Serial number
U25/26
Solar battery charger
STMicroelectronics
SPV1040T
PV panel
Poly-crystalline PV panel
200 mW
NBSZGD
SZGD7050-3P
CIN1
Input capacitor
10 μF
EPCOS
C2012X5R1A106K
C4
Voltage sensing capacitor
100 nF
EPCOS
C2012X5R1H104K
C2
Voltage sensing capacitor
1 nF
EPCOS
C2012C0G1H102J
COUT1
Output capacitor
4.7 μF
EPCOS
C2012X5R0J475K
COUT2
Output capacitor
10 μF
EPCOS
C2012X5R1A106K
R3
Input voltage partitioning
resistor
1 k
Ω
Cyntec
RG2012P1001BN
VR2, VR10
VR4 (DNM)
OUT, MPP-SET and charge
indication partitioning
resistor
0-1 Mk
Ω
VISHAY
63M-105
R1
Output voltage partitioning
resistor
1 M
Ω
Cyntec
RG2012P105BN
R11
Output voltage partitioning
resistor
330 k
Ω
Cyntec
RG2012P334BN
R5
Pull-up resistor
0
Cyntec
RL1220TR010FN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com