Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3352 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3352
Description  Dual LNB power supply based on the LNBH24L
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3352 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3352 Datasheet HTML 5Page - STMicroelectronics AN3352 Datasheet HTML 6Page - STMicroelectronics AN3352 Datasheet HTML 7Page - STMicroelectronics AN3352 Datasheet HTML 8Page - STMicroelectronics AN3352 Datasheet HTML 9Page - STMicroelectronics AN3352 Datasheet HTML 10Page - STMicroelectronics AN3352 Datasheet HTML 11Page - STMicroelectronics AN3352 Datasheet HTML 12Page - STMicroelectronics AN3352 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
AN3352
Block diagram and pin function description
Doc ID 018526 Rev 3
9/26
Figure 5.
LNBH24L pin configuration
Table 3.
LNBH24L pin description
QFN 5x5
pin n°
Symbol
Name
Pin function
21
VCC
Supply input
8 to 15 V IC DC-DC power supply
20
VCC
Supply input
8 to 15 V analog power supply
5/2
LX-A /
LX-B
NMos drain
Integrated N-channel power MOSFET drain
16/25
VUP-A/
VUP-B
Step-up voltage
Input of the linear post-regulator. The voltage on this pin is monitored
by the internal step-up controller to keep a minimum dropout across
the linear pass transistor.
18/23
VoRX-A/
VoRX-B
LDO output port
Output of the linear post-regulator
17/24
VoTX-A/
VoTX-B
Output port during
22 kHz tone TX
TX output to the LNB
6
SDA
Serial data
Bi-directional data from/to the I²C bus
7
SCL
Serial clock
Clock from the I²C bus
10/31
DSQIN-A/
DSQIN-B
DiSEqC input
This pin accepts the DiSEqC code from the main microcontroller. The
LNBH24L uses this code to modulate the internally-generated 22 kHz
carrier. Set this pin to ground if not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com