Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3352 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3352
Description  Dual LNB power supply based on the LNBH24L
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3352 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3352 Datasheet HTML 8Page - STMicroelectronics AN3352 Datasheet HTML 9Page - STMicroelectronics AN3352 Datasheet HTML 10Page - STMicroelectronics AN3352 Datasheet HTML 11Page - STMicroelectronics AN3352 Datasheet HTML 12Page - STMicroelectronics AN3352 Datasheet HTML 13Page - STMicroelectronics AN3352 Datasheet HTML 14Page - STMicroelectronics AN3352 Datasheet HTML 15Page - STMicroelectronics AN3352 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Component selection guidelines
AN3352
12/26
Doc ID 018526 Rev 3
2.1
DC-DC converter inductor (L1)
The LNBH24L operates with a standard 22 µH inductor for the entire range of supply
voltages and load current. The inductor saturation current rating (where inductance is
approximately 70% of zero current inductance) must be greater than the switch peak current
(ISAT > IPEAK) calculated at:
–
maximum load (IOUTmax)
–
minimum input voltage (VINmin)
–
maximum DC-DC output voltage (VUPmax = VOUTmax + 0.75 V typ.)
In this condition the switch peak current is calculated using the formula in Equation 1:
Equation 1
where:
–
Eff is the efficiency of the DC-DC converter (93% typ. at highest load)
–
L is the inductance (22 µH typ.)
–
F is the PWM frequency (220 kHz typ.)
Example:
Application conditions:
VOUTmax = 19.2 V (supposing EN=VSEL=1, LLC=0)
VINmin = 11 V
Index
Quantity
Reference
Value / generic part number
Package
11
2
C3A, C3B
220 µF > 25 V ESR = 50 m
Ω − 350 mΩ (see
Section 2.5)
El.Al. Radial
12
2
L1A, L1B
22 µH inductor with ISAT > IPEAK (see Section 2.1)Radial
13
2
D1A, D2B
STPS130A (see Section 2.3)SMB
14
2
D2A, D2B
STPS130A (see Section 2.9)SMB
15
2
D3A, D3B
S1A or equivalent
SMB
16
2
D4A, D4B
BAT54, STPS130A, BAT43, 1N5818, or similar
Schottky diode with VRRM > 20 V.
SOD123
17
1
IC1
To be placed as close as possible to EXTM pin
QFN32
18
2
TR1A, TR1B
BC817
SOT23-3L
19
2
D8A, D8B
LL4148
MINIMELF
20
3
CN3, CN6, CN7
Strip 4p M
HDR1X4
21
9
CN1, CN4, CN5,
JP1-A, JP1-B, JP2-A,
JP2-B, LNBOUT-A,
LNBOUT-B
Strip 2p M
HDR1X2
Table 4.
LNBH24L demonstration board BOM list (continued)
⎟
⎠
⎞
⎜
⎝
⎛ −
+
=
ma x
mi n
1
2
mi n
mi n
*
ma x
ma x *
VU P
VI N
LF
VI N
VI N
Ef f
IO U T
VU P
Ip e a k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com