Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3352 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3352
Description  Dual LNB power supply based on the LNBH24L
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3352 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3352 Datasheet HTML 14Page - STMicroelectronics AN3352 Datasheet HTML 15Page - STMicroelectronics AN3352 Datasheet HTML 16Page - STMicroelectronics AN3352 Datasheet HTML 17Page - STMicroelectronics AN3352 Datasheet HTML 18Page - STMicroelectronics AN3352 Datasheet HTML 19Page - STMicroelectronics AN3352 Datasheet HTML 20Page - STMicroelectronics AN3352 Datasheet HTML 21Page - STMicroelectronics AN3352 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Component selection guidelines
AN3352
18/26
Doc ID 018526 Rev 3
2.7
PDC optional external circuit
This optional circuit, internally controlled by the PDC output pin, acts as an active pull-down
discharging the output capacitance only when the internal 22 kHz tone is activated
(TEN=TTX=1 or DSQIN=1).
This optional circuit is not needed in standard applications having IOUT > 50 mA and
capacitive load up to 250 nF where the PDC pin can be left floating.
The formula to calculate the transistor IC current with PDC circuit is:
Equation 5
The current flows through R8, TR1, and R7 during fall time of 22 kHz tone and the power
dissipated by these passive components is 1/3 because the D.C. is 30% (see Figure 11).
Figure 10.
Application circuit with PDC optional solution
D3
L1
Vin
12V
to LNB
500mA max
D2
PDC
LX
Vup
VoRX
EXTM
C1
P-GND
A-GND
D1
C10
220nF
Vcc-L
Vcc
C8
220nF
VoTX
ISEL
R2 (RSEL)
15kOhm
Byp
C11
220nF
D8
1N4148
*R7
22 Ohm
*C14
1nF
*R5
2.2K Ohm
3.3V
*TR1
C15
47 nF
R9
2KOhm
*R8
150 Ohm
D3
D3
L1
Vin
12V
to LNB
500mA max
D2
D2
PDC
LX
Vup
VoRX
EXTM
C1
P-GND
A-GND
P-GND
A-GND
D1
D1
C10
220nF
C10
220nF
Vcc-L
Vcc
C8
220nF
Vcc-L
Vcc
C8
220nF
C8
220nF
VoTX
ISEL
R2 (RSEL)
15kOhm
Byp
C11
220nF
ISEL
R2 (RSEL)
15kOhm
R2 (RSEL)
15kOhm
Byp
C11
220nF
Byp
C11
220nF
C11
220nF
*R7
22 Ohm
*C14
1nF
*R5
2.2K Ohm
3.3V
*TR1
C15
47 nF
R9
R9
(*)OPTIONAL components.
To be used only in case
of heavy capacitive load
(*)OPTIONAL components.
To be used only in case
of heavy capacitive load
*R8
150 Ohm
LNBH24L
(sections A/B)
I2C Bus
SCL
ADDR
TTX
{
SDA
DSQIN
Tone Enable control
TTL
C6
2.2µF
C6
C3
C3
C3
D4
D3
L1
Vin
12V
to LNB
500mA max
D2
PDC
LX
Vup
VoRX
EXTM
C1
P-GND
A-GND
D1
C10
220nF
Vcc-L
Vcc
C8
220nF
VoTX
ISEL
R2 (RSEL)
15kOhm
Byp
C11
220nF
D8
1N4148
*R7
22 Ohm
*C14
1nF
*R5
2.2K Ohm
3.3V
*TR1
C15
47 nF
R9
2KOhm
*R8
150 Ohm
D3
D3
L1
Vin
12V
to LNB
500mA max
D2
D2
PDC
LX
Vup
VoRX
EXTM
C1
P-GND
A-GND
P-GND
A-GND
D1
D1
C10
220nF
C10
220nF
Vcc-L
Vcc
C8
220nF
Vcc-L
Vcc
C8
220nF
C8
220nF
VoTX
ISEL
R2 (RSEL)
15kOhm
Byp
C11
220nF
ISEL
R2 (RSEL)
15kOhm
R2 (RSEL)
15kOhm
Byp
C11
220nF
Byp
C11
220nF
C11
220nF
*R7
22 Ohm
*C14
1nF
*R5
2.2K Ohm
3.3V
*TR1
C15
47 nF
R9
R9
(*)OPTIONAL components.
To be used only in case
of heavy capacitive load
(*)OPTIONAL components.
To be used only in case
of heavy capacitive load
(*)OPTIONAL components.
To be used only in case
of heavy capacitive load
(*)OPTIONAL components.
To be used only in case
of heavy capacitive load
*R8
150 Ohm
LNBH24L
(sections A/B)
I2C Bus
SCL
ADDR
TTX
{
SDA
I2C Bus
SCL
ADDR
TTX
{
SDA
DSQIN
Tone Enable control
TTL
DSQIN
Tone Enable control
TTL
C6
2.2µF
C6
C3
C3
C3
C6
2.2µF
C6
C3
C3
C3
C3
C3
C3
D4
D4
TR1hfe
R
5
R
7
V
BE
V
D
V
BYP
I
C
+
-
-
=
TR1hfe
R
5
R
7
V
BE
V
D
V
BYP
I
C
+
-
-
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com