Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3352 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3352
Description  Dual LNB power supply based on the LNBH24L
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3352 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3352 Datasheet HTML 9Page - STMicroelectronics AN3352 Datasheet HTML 10Page - STMicroelectronics AN3352 Datasheet HTML 11Page - STMicroelectronics AN3352 Datasheet HTML 12Page - STMicroelectronics AN3352 Datasheet HTML 13Page - STMicroelectronics AN3352 Datasheet HTML 14Page - STMicroelectronics AN3352 Datasheet HTML 15Page - STMicroelectronics AN3352 Datasheet HTML 16Page - STMicroelectronics AN3352 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
AN3352
Component selection guidelines
Doc ID 018526 Rev 3
13/26
VUPmax = VOUTmax + VDROP = 19.2 V + 0.75 V = 19.95 V
IOUTmax = 500 mA
Eff = 90% (worst-case in these conditions)
Based on Equation 1 and the preceding application conditions, IPEAK is:
Equation 2
Then, in this example, an inductor with saturation current > 1.52 A should be recommended.
Several inductors suitable for the LNBH24L are listed in Table 5, although there are many
other manufacturers and devices that can be used. Consult each manufacturer for more
detailed information and for their entire selection of related parts, as many different shapes
and sizes are available. Ferrite core inductors should be used to obtain the best efficiency.
Choose an inductor that can handle at least the IPEAK current without saturating, and ensure
that the inductor has a low DCR (copper wire resistance) to minimize power losses and,
consequently, to maximize the total efficiency.
2.2
Output current limit selection (R2-RSEL)
The linear regulator current limit threshold can be set through an external resistor connected
to the ISEL pin. The resistor value defines the typical output current threshold limit by the
equation:
Equation 3
A
52
.
1
95
.
19
11
1
10
*
220
*
10
*
22
*
2
11
11
9
.
0
5
.
0
95
.
19
Ipeak
3
6
=
⎛ −
+
=
Table 5.
Recommended Inductors
Vendor
Part number
ISAT (A)
DRC (m?)
Mounting type
Sumida
CD104-220MC
RHC110-220M
1.6
2.4
67
88
SMD
Through-hole
Toko
822LY-220K
824LY-220K
A671HN-220L
A814LY-220M
1.3
1.72
2.44
2.0
70
76
21
75
Through-hole
Through-hole
Through-hole
SMD
Panasonic
ELC08D220E
ELC10D220E
1.8
3.2
51
40
Through-hole
Through-hole
Coilcraft
DC1012-223
PVC-0-223-03
DO3316P-223
2.5
3
2.6
46
35
85
Through-hole
Through-hole
SMD
Rsel
A
ax
10000
)
(
Im
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com