Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3352 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3352
Description  Dual LNB power supply based on the LNBH24L
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3352 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3352 Datasheet HTML 18Page - STMicroelectronics AN3352 Datasheet HTML 19Page - STMicroelectronics AN3352 Datasheet HTML 20Page - STMicroelectronics AN3352 Datasheet HTML 21Page - STMicroelectronics AN3352 Datasheet HTML 22Page - STMicroelectronics AN3352 Datasheet HTML 23Page - STMicroelectronics AN3352 Datasheet HTML 24Page - STMicroelectronics AN3352 Datasheet HTML 25Page - STMicroelectronics AN3352 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
AN3352
Layout guidelines
Doc ID 018526 Rev 3
23/26
3.2
PCB thermal management
The LNBH24L power dissipation inside the IC is mainly due to the DC-DC integrated
MOSFET power loss plus the linear regulator power dissipation. The total power dissipation
calculated, considering both the DC-DC and linear regulator power loss at the maximum
output current (500 mA for each output) with 18 V for LNB output and VIN = 11 V, is around 2
W. The heat generated due to this power dissipation level requires a suitable heatsink to
keep the junction temperature below the overtemperature protection threshold at the rated
ambient temperature inside the set-top box.
The best thermal and electrical performance can be achieved when an array of copper vias
barrel plating is incorporated in the land pattern at 1.2 mm grid. It is also recommended that
the via diameter should be 0.30 mm to 0.33 mm with 1 oz copper via barrel plating.
If the copper plating does not plug the vias, a solder mask material must be used to cap the
vias with a dimension equal to the via diameter + 0.1 mm minimum. This prevents the solder
from not being well spread through the thermal via and potentially creating a solder void
between the package bottom and the ground plane of the PCB.
Taking into account that the solder mask diameter should be at least 0.1 mm larger than the
via diameter.
However, different layouts are also possible. Basic principles suggest keeping the IC and its
ground exposed pad approximately in the middle of the dissipating area; to provide as many
vias as possible; to design a dissipating area having a shape as square as possible and not
interrupted by other copper traces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com