Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3352 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3352
Description  Dual LNB power supply based on the LNBH24L
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3352 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3352 Datasheet HTML 10Page - STMicroelectronics AN3352 Datasheet HTML 11Page - STMicroelectronics AN3352 Datasheet HTML 12Page - STMicroelectronics AN3352 Datasheet HTML 13Page - STMicroelectronics AN3352 Datasheet HTML 14Page - STMicroelectronics AN3352 Datasheet HTML 15Page - STMicroelectronics AN3352 Datasheet HTML 16Page - STMicroelectronics AN3352 Datasheet HTML 17Page - STMicroelectronics AN3352 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Component selection guidelines
AN3352
14/26
Doc ID 018526 Rev 3
where RSEL is the resistor connected between ISEL and GND. The highest selectable current
limit threshold is 0.650 A typ. with RSEL = 15 kΩ.
To set the current limitation, ±15% tolerance, referred to the typical Imax current value, must
be considered. At this tolerance, the tolerance of the RSEL resistor must be added.
For example:
RSEL resistor = 15 kΩ ± 1%
To calculate the Imax(min.) and Imax(max.) values:
where:
–
15% is the LNBH24L tolerance
–
1% is the RSEL tolerance
and then:
The formula below allows correct dimensioning of the RSEL total power dissipation:
mA
666
15000
10000
)
typ
(
ax
Im
=
=
%
16
%
1
%
15
ce
TotToleran
=
+
=
mA
559
%
16
mA
666
(min)
ax
Im
=
−
=
mA
772
%
16
mA
666
(min)
ax
Im
=
+
=
Figure 7.
Typical output current limiting vs. RSEL
V
CC=12V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
10
12
14
16
18
20
22
24
26
28
30
32
R
SEL [K
]
V
CC=12V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
10
12
14
16
18
20
22
24
26
28
30
32
R
SEL [K
]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com