Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3352 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3352
Description  Dual LNB power supply based on the LNBH24L
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3352 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3352 Datasheet HTML 13Page - STMicroelectronics AN3352 Datasheet HTML 14Page - STMicroelectronics AN3352 Datasheet HTML 15Page - STMicroelectronics AN3352 Datasheet HTML 16Page - STMicroelectronics AN3352 Datasheet HTML 17Page - STMicroelectronics AN3352 Datasheet HTML 18Page - STMicroelectronics AN3352 Datasheet HTML 19Page - STMicroelectronics AN3352 Datasheet HTML 20Page - STMicroelectronics AN3352 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
AN3352
Component selection guidelines
Doc ID 018526 Rev 3
17/26
2.5
DC-DC output capacitors (C3, C4, C6) and ferrite bead
An electrolytic low cost capacitor is needed on the DC-DC converter output stage (C3 in
Figure 6
). Moreover, two ceramic capacitors are recommended to reduce the high
frequency switching noise. The switching noise is due to the voltage spikes of the fast
switching action of the output switch, and to the parasitic inductance of the output
capacitors. To minimize these voltage spikes, special low-inductance ceramic capacitors
can be used, and their lead lengths must be kept short and as close as possible to the IC
pins (C4 and C6 in Figure 9). In the case of high switching noise, it is possible to increase
the C6 capacitor up to 4.7 µF, 2.2 µF is a good compromise to reduce the switching noise.
The most important parameter for the DC-DC output electrolytic capacitors is the effective
series resistance (ESR). The DC-DC converter control loop circuit has been designed to
work properly with low-cost electrolytic capacitors which have ESR in the range of 200 m
Ω.
A 220 µF with ESR between 100 m
Ω and 350 mΩ is a good choice in most application
conditions. If it is requested to further reduce the switching noise, a ferrite bead with a
current rating of at least 2 A and impedance higher than 60
Ω at 100 MHz may be used.
In this case, it is recommended to use two electrolytic capacitors of 100 µF (see C3 and C3A
in Figure 9) with ESR between 150 m
Ω and 350 mΩ adding the ferrite bead in accordance
to Figure 9.
The DC-DC capacitor's voltage rating must be at least 25 V, but higher voltage capacitors
are recommended.
2.6
Input capacitors (C1)
An electrolytic bypass capacitor (C1 in Figure 6) between 100 µF and 470 µF, located close
to the LNBH24L, is needed for stable operation. In any case, a ceramic capacitor (C2 in
Figure 6
) between 100 nF and 470 nF is recommended to reduce the switching noise at the
input voltage VCC pins.
Figure 9.
DC-DC converter output stage with ferrite bead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com