Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3352 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3352
Description  Dual LNB power supply based on the LNBH24L
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3352 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3352 Datasheet HTML 1Page - STMicroelectronics AN3352 Datasheet HTML 2Page - STMicroelectronics AN3352 Datasheet HTML 3Page - STMicroelectronics AN3352 Datasheet HTML 4Page - STMicroelectronics AN3352 Datasheet HTML 5Page - STMicroelectronics AN3352 Datasheet HTML 6Page - STMicroelectronics AN3352 Datasheet HTML 7Page - STMicroelectronics AN3352 Datasheet HTML 8Page - STMicroelectronics AN3352 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
AN3352
Block diagram and pin function description
Doc ID 018526 Rev 3
5/26
1
Block diagram and pin function description
Here below a description of the LNBH24L internal blocks that includes two completely
independent sections. Except for the VCC and I²C inputs, each circuit can be separately
controlled and contain independent external components. All the specifications below must
be considered equal for both sections (A/B).
1.1
Step-up controller
The LNBH24L features a built-in step-up DC-DC converter that, from a single supply source
ranging from 8 V to 15 V, generates the voltages that allow the linear post-regulator to work
with minimum power dissipation. The external components of the DC-DC converter are
connected to the LX and VUP pins (see Figure 6). No external power MOSFET is needed.
1.2
Pre-regulator block
This block includes a voltage reference connected to the BYP pin, an undervoltage lockout
circuit, intended to disable the whole circuit when the supplied VCC drops below a fixed
threshold (6.7 V typ), and a power-on reset that sets all the I²C registers to zero when the
VCC is turned on and rises from zero above the “ON” threshold (7.3 V typ).
1.3
I²C interface and diagnostic
The main functions of the device are controlled via the I²C bus by writing 5 bits on the
system register (SR bits in write mode). In the same register there are 5 bits that can be
read back (SR bits in read mode) and provide 2 diagnostic functions, whereas the other 3
bits are for internal use (TEST1, TEST2, and TEST3).
Two bits report the diagnostic status of the two internal monitoring functions:
– OTF: overtemperature flag. If an overheating occurs (junction temperature exceeds
150 °C), the OTF I²C bit is set to “1”.
– OLF: overload flag. If the output current required exceeds the current limit threshold
or a short-circuit occurs, the OLF I²C bit is set to “1”.
Moreover, three bits report the last output voltage register status (EN, VSEL, LLC) received
by the I²C. The LNBH24L I²C interface address can be selected from two different
addresses for each section A/B by setting the voltage level of the relevant ADDR pin
according to Table 1:
Table 1.
LNBH24L I²C addresses
Section
Pin Set-up
Write (HEX)
Read (HEX)
A
ADDR-A=low or floating
10
11
ADDR-A=high
12
13
B
ADDR-B=low or floating
14
15
ADDR-B=high
16
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com