Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3352 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3352
Description  Dual LNB power supply based on the LNBH24L
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3352 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3352 Datasheet HTML 7Page - STMicroelectronics AN3352 Datasheet HTML 8Page - STMicroelectronics AN3352 Datasheet HTML 9Page - STMicroelectronics AN3352 Datasheet HTML 10Page - STMicroelectronics AN3352 Datasheet HTML 11Page - STMicroelectronics AN3352 Datasheet HTML 12Page - STMicroelectronics AN3352 Datasheet HTML 13Page - STMicroelectronics AN3352 Datasheet HTML 14Page - STMicroelectronics AN3352 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
AN3352
Component selection guidelines
Doc ID 018526 Rev 3
11/26
2
Component selection guidelines
The LNBH24L application schematic in Figure 6 shows the typical configuration for a single
LNB power supply.
Note:
TVS D6 diode to be used if surge protection is required (see Section 2.4).
Figure 6.
LNBH24L typical application circuit with internal tone generator
D3
L1
Vin
12V
to LNB
500mA max
PDC
LX
Vup
VoRX
EXTM
C1
LNBH24L
(sections A/B)
P-GND
A-GND
D1
C10
220nF
Vcc-L
Vcc
C8
220nF
VoTX
ISEL
R2 (RSEL)
15kOhm
Byp
C11
220nF
EXTM
C15
47 nF
R9
2KOhm
D3
D3
L1
Vin
12V
to LNB
500mA max
D2
D2
D2
PDC
LX
Vup
VoRX
EXTM
C1
P-GND
A-GND
P-GND
A-GND
D1
D1
C10
220nF
C10
220nF
Vcc-L
Vcc
C8
220nF
Vcc-L
Vcc
C8
220nF
C8
220nF
C15
47 nF
R9
R9
C6
2.2µF
C6
C3
C3
C3
I2C Bus
SCL
ADDR
TTX
{
SDA
DSQIN
Tone Enable control
TTL
D4
D3
L1
Vin
12V
to LNB
500mA max
PDC
LX
Vup
VoRX
EXTM
C1
LNBH24L
(sections A/B)
P-GND
A-GND
D1
C10
220nF
Vcc-L
Vcc
C8
220nF
VoTX
ISEL
R2 (RSEL)
15kOhm
Byp
C11
220nF
EXTM
C15
47 nF
R9
2KOhm
D3
D3
L1
Vin
12V
to LNB
500mA max
D2
D2
D2
D2
D2
D2
PDC
LX
Vup
VoRX
EXTM
C1
P-GND
A-GND
P-GND
A-GND
D1
D1
C10
220nF
C10
220nF
Vcc-L
Vcc
C8
220nF
Vcc-L
Vcc
C8
220nF
C8
220nF
C15
47 nF
R9
R9
C6
2.2µF
C6
C3
C3
C3
C6
2.2µF
C6
C3
C3
C3
C3
C3
C3
I2C Bus
SCL
ADDR
TTX
{
SDA
I2C Bus
SCL
ADDR
TTX
{
SDA
DSQIN
Tone Enable control
TTL
DSQIN
Tone Enable control
TTL
D4
D4
Table 4.
LNBH24L demonstration board BOM list
Index
Quantity
Reference
Value / generic part number
Package
1
2
RSELA, RSELB
15 k
Ω 1/8 W (see Section 2.2)
1206
2
2
R5A, R5B
2.2 k
Ω 1/8 W (see Section 2.7)
1206
3
2
R7A, R7B
22
Ω 1/2 W (see Section 2.7)
1206
4
2
R8A, R8B
150
Ω 1/2 W (see Section 2.7)
1206
5
2
R9A, R9B
1.5 k
Ω 1/8 W (see Section 2.8)
1206
6
4
C8, C10A, C10B, C11
0.22 µF
1206
7
2
C15A, C15B
47 nF
1206
8
2
C14A, C15B
1 nF
1206
9
2
C4A, C4B, C6A, C6B
0.47 µF (see Section 2.5)
1206
10
1
C1
100 µF > 25 V ESR = 150 m
Ω − 350 mΩ higher
value is suitable (see Section 2.6)
El.Al. Radial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com