Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3352 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN3352
Description  Dual LNB power supply based on the LNBH24L
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3352 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN3352 Datasheet HTML 18Page - STMicroelectronics AN3352 Datasheet HTML 19Page - STMicroelectronics AN3352 Datasheet HTML 20Page - STMicroelectronics AN3352 Datasheet HTML 21Page - STMicroelectronics AN3352 Datasheet HTML 22Page - STMicroelectronics AN3352 Datasheet HTML 23Page - STMicroelectronics AN3352 Datasheet HTML 24Page - STMicroelectronics AN3352 Datasheet HTML 25Page - STMicroelectronics AN3352 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Startup procedure
AN3352
24/26
Doc ID 018526 Rev 3
4
Startup procedure
Testing the demonstration board requires a PC with a parallel port (ECP printer port), an I²C
bus interface, software (LNBxx control suite), a dual-output power supply (3 A clamp current
or higher), and an electronic load.
–
Step 1: Install the LNBxx control suite software (Software installation)
–
Step 2: Plug the I²C connector on CN3
–
Step 3: Supply the demo-board through CN2
–
Step 4: Manage the demo-board through LNBxx control suite software
Figure 17.
PCB connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com