Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4339 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4339
Description  BLDC motor based ceiling fan solution proposal
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4339 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4339 Datasheet HTML 3Page - STMicroelectronics AN4339 Datasheet HTML 4Page - STMicroelectronics AN4339 Datasheet HTML 5Page - STMicroelectronics AN4339 Datasheet HTML 6Page - STMicroelectronics AN4339 Datasheet HTML 7Page - STMicroelectronics AN4339 Datasheet HTML 8Page - STMicroelectronics AN4339 Datasheet HTML 9Page - STMicroelectronics AN4339 Datasheet HTML 10Page - STMicroelectronics AN4339 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
DocID025039 Rev 1
7/27
AN4339
Description
27
Figure 4. PFC_OK function in flyback operation
1.3.2
VFF (feed-forward function) and brownout protection
This is second input to the multiplier block for 1/V2 function. A capacitor and a parallel
resistor must be connected from this pin to GND. They complete the internal peak-holding
circuit that derives the information on the RMS mains voltage. The voltage at this pin, a DC
level equal to the peak voltage on the pin MULT (pin 3), compensates the control loop gain
dependence on the mains voltage. The variation of internal current reference signal VCSX
versus the mains voltage level detected at MULT input (VFF = VMULT) is shown in the graph
in Figure 5. This is the ultimate signal which is compared with the error signal to output the
required gate signal ON time. Never connect the pin directly to GND but with
a resistor ranging from 100 K
 (minimum) to 2 M (maximum). This pin is internally
connected to a comparator in order to provide brownout (AC mains undervoltage)
protection. A voltage below 0.8 V shuts down (not latched) the IC and brings its
consumption to a considerably lower level. The IC restarts as the voltage at this pin goes
above 0.88 V.
This is one of the important features of the L6564 device where we can manage the
overload condition and it prevents excessive current to flow through the input
section at worst low mains operating condition. So as the mains voltage drops below
a programmed level, the IC stops as VFF pin detects the brownout level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com