Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4339 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4339
Description  BLDC motor based ceiling fan solution proposal
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4339 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4339 Datasheet HTML 17Page - STMicroelectronics AN4339 Datasheet HTML 18Page - STMicroelectronics AN4339 Datasheet HTML 19Page - STMicroelectronics AN4339 Datasheet HTML 20Page - STMicroelectronics AN4339 Datasheet HTML 21Page - STMicroelectronics AN4339 Datasheet HTML 22Page - STMicroelectronics AN4339 Datasheet HTML 23Page - STMicroelectronics AN4339 Datasheet HTML 24Page - STMicroelectronics AN4339 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
DocID025039 Rev 1
21/27
AN4339
Description
27
1.4.4
TACHO
It allows developing an easy speed control loop by using an external op-amp. This is an
open drain output. At each rising edge of the Hall effect sensors H1, the monostable is
triggered and the MOSFET connected to the pin TACHO is turned off for a constant time
tPULSE (as shown in Figure 12). The off time tPULSE can be set using the external RC
network (RPUL, CPUL) connected to the pin RCPULSE. Figure 12 gives the relation between
tPULSE and CPUL, RPUL. We have approximately:
Equation 30
tPULSE = 0.6 · RPUL · CPUL
Figure 12. tPULSE versus CPUL and RPUL
Where CPUL should be chosen in the range of 1 nF to 100 nF and RPUL in the range
of 20 K
 to 100 K. By connecting the tachometer pin to an external pull-up resistor, the
output signal average value VM is proportional to the frequency of the Hall effect signal and,
therefore, to the motor speed. This realizes a simple frequency-to-voltage converter. An
op-amp, configured as an integrator, filters the signal and compares it with a reference
voltage VREF, which sets the speed of the motor. So we can also connect the non-inverting
pin of op-amp by using a potentiometer at VREF pin to vary the speed of motor.
Equation 31
VM
tPULSE
T
------------------ V
DD
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com