Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4339 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4339
Description  BLDC motor based ceiling fan solution proposal
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4339 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4339 Datasheet HTML 15Page - STMicroelectronics AN4339 Datasheet HTML 16Page - STMicroelectronics AN4339 Datasheet HTML 17Page - STMicroelectronics AN4339 Datasheet HTML 18Page - STMicroelectronics AN4339 Datasheet HTML 19Page - STMicroelectronics AN4339 Datasheet HTML 20Page - STMicroelectronics AN4339 Datasheet HTML 21Page - STMicroelectronics AN4339 Datasheet HTML 22Page - STMicroelectronics AN4339 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
DocID025039 Rev 1
19/27
AN4339
Description
27
1.4
BLDC motor driver - L6235 details
Motor specifications are
3-phase BLDC motor
DC input voltage: 24 V
Typical operating current: 1 A
3 Hall sensor detection method
To drive the BLDC motor with Hall effect sensors incorporated, the L6235 device is used.
The L6235 device is a DMOS fully integrated 3-phase motor driver with overcurrent
protection. The device combines isolated DMOS power transistors with CMOS and bipolar
circuits on the same chip. The device includes all the circuitry needed to drive a 3-phase
BLDC motor including: a 3-phase DMOS bridge, a constant off time PWM current controller
and the decoding logic for single ended Hall sensors that generates the required sequence
for the power stage. The L6235 device features a non-dissipative overcurrent protection on
the high side Power MOSFETs and thermal shutdown. Some of the important features of the
driver are listed below:
Operating supply voltage from 8 to 52 V
5.6 A output peak current (2.8 ADC)
Rds(on) 0.3 W typ. value at TJ = 25 °C
Operating frequency up to 100 KHz
Non dissipative overcurrent, detection and protection
Diagnostic output
Constant TOFF PWM current controller
Slow decay synchronous. rectification
60° and 120° Hall effect decoding logic
Brake function
TACHO output for speed loop
Cross conduction protection
Thermal shutdown
Undervoltage lockout
Integrated fast freewheeling diodes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com