Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4339 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4339
Description  BLDC motor based ceiling fan solution proposal
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4339 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4339 Datasheet HTML 1Page - STMicroelectronics AN4339 Datasheet HTML 2Page - STMicroelectronics AN4339 Datasheet HTML 3Page - STMicroelectronics AN4339 Datasheet HTML 4Page - STMicroelectronics AN4339 Datasheet HTML 5Page - STMicroelectronics AN4339 Datasheet HTML 6Page - STMicroelectronics AN4339 Datasheet HTML 7Page - STMicroelectronics AN4339 Datasheet HTML 8Page - STMicroelectronics AN4339 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
November 2013
DocID025039 Rev 1
1/27
AN4339
Application note
BLDC motor based ceiling fan solution proposal
Harjeet Singh
Introduction
Due to recent directives by the “Bureau of Energy Efficiency” (BEE) to reduce power
consumption of consumer loads, it is necessary to analyze energy consumption by each of
the house hold loads and implement how the energy can be saved in running such
equipment. Some of the major loads that fall under this category are like lighting loads,
refrigerators, air-conditioners, fans, televisions, audio equipment and so on. There are
developments going on in different segments meet the desired energy saving norms. The
fan is one of the major contribution in house hold as well as industrial usages. Currently fans
build up with an AC induction motor which is approximately 60 - 70 W power rated. These
motors are heavier and less efficient, not more than 50% of overall efficiency.
In the near future these motors will be phased out and instead a BLDC (brushless DC
motor) is going to be introduced in fan application. In a practical scenario it is seen that
a 40 - 50% lesser power rated motor can provide the same amount of air flow output. That
means that the approximately 30 W BLDC based fan system will replace existing 60 - 70 W
power consumption with the AC induction motor. This is a huge power saving. Moreover the
BLDC motor are much lighter as compared to the heavy AC induction motor.
In this application note the proposed scheme to drive a BLDC fan motor is described.
Usually the low voltage DC motor is well suited for this application, mainly a 24 V BLDC
motor. The system requires mainly 2 sections: a front-end AC/DC power supply for the
universal range followed by a 3-phase bridge inverter to drive a motor. The power supply
has to be galvanic isolated having high efficiency, high PF and low THD. For the same the
design of single stage high power factor flyback topology using the STMicroelectronics®
innovative PFC L6564 controller is considered. The L6564 device is a current mode PFC
controller operating in transition mode (TM). The highly linear multiplier, along with a special
correction circuit that reduces crossover distortion of the mains current, allows wide range
mains operation with an extremely low THD even over a large load range. This topology
gives high power factor but on the other hand when operated in high PF configuration
significant magnitude of twice of mains frequency ripple at output DC voltage because of no
electrolytic capacitor after bridge rectification. But in our application, this will not impact the
performance of the second stage driving motor.
Coming to the BLDC driver section i. e. second stage of this scheme (see Figure 1), we
propose the ST's 3-phase brushless DC motor driver - L6235. The L6235 device is a highly
integrated, mixed-signal power IC that allows to easily design a complete motor control
system for a BLDC motor, specially for low power small motors. The IC integrates six power
DMOS, a centralized logic circuit to decode Hall effect sensors and a constant tOFF PWM
current control technique (synchronous mode) plus other added features for safe operation
and flexibility.
The typical BLDC motor power requirement is 24 V/1 A maximum including losses inside
the driver stage and motor. This requires 24 W power supply to run the motor driving stage.
Assuming efficiency of power supply as 85% over an universal voltage range, the power
supply requires maximum input power somewhere around 28 W.
www.st.com


Similar Part No. - AN4339

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN433 SILABS-AN433 Datasheet
198Kb / 54P
HID-TO-UART API SPECIFICATION
logo
STMicroelectronics
AN4337 STMICROELECTRONICS-AN4337 Datasheet
352Kb / 14P
power MOSFETs are considered rugged with respect to the avalanche
05-Jun-2014
More results

Similar Description - AN4339

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUM6811 EUTECH-EUM6811 Datasheet
304Kb / 1P
3-Phase Sensorless BLDC Fan Motor Driver
logo
STMicroelectronics
STEVAL-IHM037V1 STMICROELECTRONICS-STEVAL-IHM037V1 Datasheet
280Kb / 5P
Ceiling fan remote control unit based on the STM8 microcontroller
11-Feb-2013
logo
Lin Eng. Inc.
BL17E19-01 LINENGINEERING-BL17E19-01 Datasheet
328Kb / 3P
BLDC MOTOR
BL17E19-02 LINENGINEERING-BL17E19-02 Datasheet
328Kb / 3P
BLDC MOTOR
BL23E22-01 LINENGINEERING-BL23E22-01 Datasheet
335Kb / 3P
BLDC MOTOR
BL23E22-02 LINENGINEERING-BL23E22-02 Datasheet
335Kb / 3P
BLDC MOTOR
BL23E33-01 LINENGINEERING-BL23E33-01 Datasheet
334Kb / 3P
BLDC MOTOR
BL34E21-02 LINENGINEERING-BL34E21-02 Datasheet
332Kb / 3P
BLDC MOTOR
BL23E33-02-Y05-A0-B12F LINENGINEERING-BL23E33-02-Y05-A0-B12F Datasheet
339Kb / 4P
BLDC MOTOR
BL23E48-02-Y05-A0-B12F LINENGINEERING-BL23E48-02-Y05-A0-B12F Datasheet
337Kb / 4P
BLDC MOTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com