Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4339 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4339
Description  BLDC motor based ceiling fan solution proposal
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4339 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4339 Datasheet HTML 5Page - STMicroelectronics AN4339 Datasheet HTML 6Page - STMicroelectronics AN4339 Datasheet HTML 7Page - STMicroelectronics AN4339 Datasheet HTML 8Page - STMicroelectronics AN4339 Datasheet HTML 9Page - STMicroelectronics AN4339 Datasheet HTML 10Page - STMicroelectronics AN4339 Datasheet HTML 11Page - STMicroelectronics AN4339 Datasheet HTML 12Page - STMicroelectronics AN4339 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
DocID025039 Rev 1
9/27
AN4339
Description
27
1.3.4
Calculations
Min. AC input, Vacmin = 90 VAC
Max. AC input, Vacmax = 265 VAC
Output DC voltage, VOUT = 24 VDC
Load current, IOUT = 1 A
Overall efficiency,
= 0.87
Output voltage 2fL ripple = 2 Vpk-pk
Reflected voltage, VOR = 170 V
Minimum switching frequency, fswmin = 40 KHz
Min. DC voltage:
Equation 1
Vpkmin =
2.Vacmin - Vdson
Vpkmin = 123 V (taking Vdson = 4 V)
Max. DC voltage:
Equation 2
Vpkmax =
2.Vacmax - Vdson
Vpkmax = 370 V
Input power:
Equation 3
PIN = POUT/ 
PIN = 27.6 W
Peak to reflected voltage:
Equation 4
Kv = Vpkmin/VR
Kv = 0.723
Flyback characteristic functions are:
Equation 5
F1(Kv) = 0.42
Equation 6
F2(Kv) = 0.315
F1 Kv

0.637 4.6 10
3
Kv
+
1 0.729 Kv
+
------------------------------------------------------------
=
F2 Kv

0.5 1.4 10
3
Kv
+
1 0.815 Kv
+
------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com