Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4339 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4339
Description  BLDC motor based ceiling fan solution proposal
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4339 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4339 Datasheet HTML 1Page - STMicroelectronics AN4339 Datasheet HTML 2Page - STMicroelectronics AN4339 Datasheet HTML 3Page - STMicroelectronics AN4339 Datasheet HTML 4Page - STMicroelectronics AN4339 Datasheet HTML 5Page - STMicroelectronics AN4339 Datasheet HTML 6Page - STMicroelectronics AN4339 Datasheet HTML 7Page - STMicroelectronics AN4339 Datasheet HTML 8Page - STMicroelectronics AN4339 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Description
AN4339
4/27
DocID025039 Rev 1
Figure 2. L6564 block diagram
Some of the important features of the L6564 device are shown below.
L6564 features
Fast “bidirectional” input voltage feed-forward (1/V2 correction)
Accurate adjustable output overvoltage protection
Protection against feedback loop disconnection (latched shutdown)
Inductor saturation protection
AC brownout detection
Low (
 100 A) start-up current
6 mA max. operating bias current
1% (at TJ = 25 °C) internal reference voltage
-600/+800 mA totem pole gate driver with active pull-down during UVLO
SSOP10 package
1.3
Description of power supply
The main feature of this converter is that the input current is almost in phase with the mains
voltage, therefore the power factor is close to unity and hence low current harmonics. This is
achieved by the L6564 TM PFC controller, which shapes the input current as a sine wave in
phase with the mains voltage. The power supply utilizes a typical flyback converter topology,
using a transformer to provide the required insulation between the primary and secondary
side. The converter is connected after the mains rectifier and the capacitor filter, which in
this case is quite small to avoid damage to the shape of the input current. The flyback switch
is represented by the Power MOSFET M1, and driven by the L6564 device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com