Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4339 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4339
Description  BLDC motor based ceiling fan solution proposal
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4339 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4339 Datasheet HTML 1Page - STMicroelectronics AN4339 Datasheet HTML 2Page - STMicroelectronics AN4339 Datasheet HTML 3Page - STMicroelectronics AN4339 Datasheet HTML 4Page - STMicroelectronics AN4339 Datasheet HTML 5Page - STMicroelectronics AN4339 Datasheet HTML 6Page - STMicroelectronics AN4339 Datasheet HTML 7Page - STMicroelectronics AN4339 Datasheet HTML 8Page - STMicroelectronics AN4339 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
DocID025039 Rev 1
5/27
AN4339
Description
27
At startup, the L6564 device is powered by the VCC capacitor (C14), which is charged via
resistors R3 and R9. As the capacitor C14 charges to turn on threshold of the L6564 device
(typically at 12 V), the transformer T1 auxiliary winding (pins 5 - 6) generates the VCC
voltage, rectified by the D7 and R12, that powers the L6564 during normal operation. The
R11 is also connected to the auxiliary winding to provide the transformer demagnetization
signal to the L6564 ZCD pin, turning on the MOSFET at any switching cycle. The MOSFET
used is the STP4N80K5, a standard, low cost 800 V device housed in a TO-220 package,
and needing only a small heatsink. The transformer is layer type, using a standard ferrite
size EF25. The flyback reflected voltage is close to 170 V, providing enough room for the
leakage inductance voltage spike still within the reliability margin of the MOSFET even at
300 VAC input.
The RCD snubber circuit using the R4, C5 and D6 clamps the peak of the leakage
inductance voltage spike at the MOSFET turn-off. The resistor R2 is usually inserted in
series with a subbing capacitor C5 to kill the spike and reduces further the EMI generated
due to leakage spikes. The resistors R31 and R32 sense the current flowing into the
transformer primary side. Once the signal at the current sense pin has reached the level
programmed by the internal multiplier of the L6564, the MOSFET turns off. The divider R7,
R10, R13 and R21 provides to the L6564 multiplier pin with instantaneous voltage information
which is used to modulate the current flowing into the transformer primary side. The C16 is
a small noise suppression capacitor, of course the purpose of this capacitor is not to disturb
the actual sinusoidal mains information.
The output regulation is done by means of an isolated voltage loop by the optocoupler U2,
and using an inexpensive TL431 device to drive the optocoupler. The opto-transistor
modulates the input voltage of the L6564 internal amplifier, thus closing the voltage loop.
The output rectifier is a Schottky rectifier, selected according to its maximum reverse
voltage, forward voltage drop and power dissipation. A small LC filter is added on the output,
filtering the high frequency ripple.
1.3.1
PFC_OK
PFC_OK function in PFC operation
PFC pre-regulator output voltage monitoring/disable function
This pin senses the output voltage of the PFC pre-regulator through a resistor divider and is
used for protection purposes. If the voltage on the pin exceeds 2.5 V the IC stops switching
and restarts as the voltage on the pin falls below 2.4 V. However, if the voltage of the INV pin
falls 40 mV below that of the pin PFC_OK, a feedback failure is assumed. In this case the
device is latched off. Normal operation can be resumed only by cycling VCC, bringing its
value lower than 6 V before to move up to turn on threshold. If the voltage on this pin is
brought below 0.23 V the IC is shut down. To restart the IC the voltage on the pin must go
above 0.27 V. This can also be used as a remote on/off control input. Refer to Figure 3:
PFC_OK function in PFC operation, the R3 and R4 composes the network to activate PFC
output overvoltage shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com