Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4339 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4339
Description  BLDC motor based ceiling fan solution proposal
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4339 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4339 Datasheet HTML 8Page - STMicroelectronics AN4339 Datasheet HTML 9Page - STMicroelectronics AN4339 Datasheet HTML 10Page - STMicroelectronics AN4339 Datasheet HTML 11Page - STMicroelectronics AN4339 Datasheet HTML 12Page - STMicroelectronics AN4339 Datasheet HTML 13Page - STMicroelectronics AN4339 Datasheet HTML 14Page - STMicroelectronics AN4339 Datasheet HTML 15Page - STMicroelectronics AN4339 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Description
AN4339
12/27
DocID025039 Rev 1
1.3.6
Transformer design
Primary inductance value is calculated by Equation 19:
Equation 19
Lp = 1.25 mH
Select
Lp = 1 mH
Primary to secondary turn ratio:
Equation 20
n = 6.911
Primary number of turns:
Equation 21
Considering max flux density:
Bmax = 0.3 T
Select core EE25 (After calculating the minimum area product required, not described in this
section).
Cross sectional area:
Equation 22
Ae = 0.52 cm2
Primary number of turns:
Equation 23
Np = 91
Select Np = 90 T
Secondary number of turns:
Equation 24
Ns = Np/n
Ns = 13 T
Aux. voltage required:
Vaux = 15 V
Lp
Vpkmin 10
3
1Kv
+
  f
swmin
Ipkp
------------------------------------------------------------------
=
n
Vor
VOUT VF
+
-----------------------------
=
Np
Lp 10
3
–
Ipkp
Bmax Ae 10
4
–
--------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com