Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4339 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4339
Description  BLDC motor based ceiling fan solution proposal
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4339 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4339 Datasheet HTML 6Page - STMicroelectronics AN4339 Datasheet HTML 7Page - STMicroelectronics AN4339 Datasheet HTML 8Page - STMicroelectronics AN4339 Datasheet HTML 9Page - STMicroelectronics AN4339 Datasheet HTML 10Page - STMicroelectronics AN4339 Datasheet HTML 11Page - STMicroelectronics AN4339 Datasheet HTML 12Page - STMicroelectronics AN4339 Datasheet HTML 13Page - STMicroelectronics AN4339 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Description
AN4339
10/27
DocID025039 Rev 1
Equation 7
F3 (Kv) = 0.26
Peak primary current:
Equation 8
Ipkp = 1.42 A
RMS primary current:
Equation 9
Irmsp = 0.46 A
Peak secondary current:
Equation 10
Ipks = 8.8 A
RMS secondary current:
Equation 11
Irsms = 2.2 A
F3 Kv

0.424 5.7 10
4
–
Kv
+
1 0.862 Kv
+
------------------------------------------------------------
=
Ipkp
2pin
Vpkmin F2 Kv

-----------------------------------------------
=
Irmsp
Ipkp
F2 Kv

3
-------------------
=
Ipks
2Iout
Kv F2 Kv

---------------------------------
=
Irmss
Ipks
Kv F3 Kv

3
---------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com