Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4339 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4339
Description  BLDC motor based ceiling fan solution proposal
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4339 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4339 Datasheet HTML 10Page - STMicroelectronics AN4339 Datasheet HTML 11Page - STMicroelectronics AN4339 Datasheet HTML 12Page - STMicroelectronics AN4339 Datasheet HTML 13Page - STMicroelectronics AN4339 Datasheet HTML 14Page - STMicroelectronics AN4339 Datasheet HTML 15Page - STMicroelectronics AN4339 Datasheet HTML 16Page - STMicroelectronics AN4339 Datasheet HTML 17Page - STMicroelectronics AN4339 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Description
AN4339
14/27
DocID025039 Rev 1
Poles and zero from error amplifier transfer function are:
Equation 27
Transfer function of feedback loop is:
Equation 28
Where CTRmin = 0.5 - minimum current transfer ratio of optocoupler in feedback loop.
Poles and zero of above transfer function are:
Equation 29
Selecting R15 = 47 K, R26 = 47 K, R28 = 4.7 K, C19 = 1 F, C12 = 22 nF; the open loop
cross over frequency is 13 Hz and desired phase margin is 40°.
fz1
1
2
 C12 R16
----------------------------------------------
=
fp1
1
2
 C12
R15 R16
+

---------------------------------------------------------------------
=
Hs

1
R27
----------- R18 R24
R18 R24
+
-----------------------------
CTRmin
1
s
1
---
C19
R28 R26
+

---------------------------------------------------
+
s
1
---
R26 C19
----------------------------




------------------------------------------------------------------
=
fp2
1
2
 R26 C19
----------------------------------------------
=
fz2
1
2
 C19
R28 R26
+

---------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com