Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4345 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4345
Description  This document describes a two output buck with the VIPer16LD
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4345 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4345 Datasheet HTML 7Page - STMicroelectronics AN4345 Datasheet HTML 8Page - STMicroelectronics AN4345 Datasheet HTML 9Page - STMicroelectronics AN4345 Datasheet HTML 10Page - STMicroelectronics AN4345 Datasheet HTML 11Page - STMicroelectronics AN4345 Datasheet HTML 12Page - STMicroelectronics AN4345 Datasheet HTML 13Page - STMicroelectronics AN4345 Datasheet HTML 14Page - STMicroelectronics AN4345 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
DocID025078 Rev 1
11/28
AN4345
Board testing
28
4.2
Precision of the regulation and output voltage ripple
The output voltage VOUT1 of the board has been measured according to different lines and
load conditions, both when 5 V output (obtained through linear regulator) is open loaded and
full loaded. Results are reported on Table 3. The output voltage is not affected by the line
condition and by the IC biasing (external or self-biasing).
Table 3. Output voltage line-load regulation - VOUT1 (IOUT2 = 0 mA)
VOUT1 (IOUT2 = 0 mA)
No load
25% load
50% load
75% load
100% load
External
biasing
Self-
biasing
External
biasing
Self-
biasing
External
biasing
Self-
biasing
External
biasing
Self-
biasing
External
biasing
Self-
biasing
90
12.74
12.61
12.14
12.04
12.09
12.02
12.07
11.99
12.05
11.98
115
12.73
12.61
12.14
12.04
12.08
12.01
12.06
11.99
12.04
11.97
150
12.76
12.65
12.14
12.04
12.08
12.01
12.06
11.98
12.04
11.97
180
12.79
12.68
12.15
12.05
12.08
12.00
12.06
11.98
12.04
11.97
230
12.86
12.76
12.16
12.06
12.08
12.00
12.05
11.98
12.04
11.97
265
12.87
12.78
12.17
12.08
12.08
12.00
12.05
11.98
12.04
11.97
Table 4. Output voltage line-load regulation - VOUT1 (IOUT2 = 50 mA)
VOUT1 (IOUT2 = 50 mA)
No load
25% load
50% load
75% load
100% load
External
biasing
Self-
biasing
External
biasing
Self-
biasing
External
biasing
Self-
biasing
External
biasing
Self-
biasing
External
biasing
Self-
biasing
90
12.01
12.11
12.06
11.98
11.97
12.06
11.97
12.03
11.96
12.01
115
12.00
12.09
12.05
11.98
11.97
12.04
11.96
12.02
11.94
12.00
150
12.00
12.08
12.04
11.97
11.97
12.03
11.95
12.02
11.93
12.00
180
12.00
12.08
12.04
11.97
11.96
12.03
11.95
12.01
11.93
12.00
230
12.00
12.08
12.04
11.98
11.96
12.03
11.95
12.01
11.93
12.00
265
12.00
12.08
12.04
11.98
11.96
12.03
11.95
12.01
11.93
12.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com