Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4345 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4345
Description  This document describes a two output buck with the VIPer16LD
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4345 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4345 Datasheet HTML 20Page - STMicroelectronics AN4345 Datasheet HTML 21Page - STMicroelectronics AN4345 Datasheet HTML 22Page - STMicroelectronics AN4345 Datasheet HTML 23Page - STMicroelectronics AN4345 Datasheet HTML 24Page - STMicroelectronics AN4345 Datasheet HTML 25Page - STMicroelectronics AN4345 Datasheet HTML 26Page - STMicroelectronics AN4345 Datasheet HTML 27Page - STMicroelectronics AN4345 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
DocID025078 Rev 1
25/28
AN4345
Test equipment and measurement of efficiency and light load performance
28
If it is not clear which measurement scheme has the lesser effect on the result, both of them
should be tested and then, the lower input power value should be registered.
As noted in IEC 62301, instantaneous measurements are appropriate when power readings
are stable. The UUT is operated at 100% of nameplate output current for at least 30 minutes
(warm-up period) immediately prior to conducting efficiency measurements.
After this warm-up period, the AC input power is monitored for a period of 5 minutes to
assess the stability of the UUT. If the power level does not drift by more than 5% from the
maximum value observed, the UUT can be considered stable and measurements can be
recorded at the end of the 5-minute’s period. If AC input power is not stable over a 5-
minute’s period, the average power or accumulated energy is measured overtime for both
AC input and DC output.
Some wattmeter models allow integration of the measured input power in a time range and
then measure the energy absorbed by the UUT during the integration time. The average
input power is calculated dividing by the integration time itself.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com