Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4345 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4345
Description  This document describes a two output buck with the VIPer16LD
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4345 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4345 Datasheet HTML 20Page - STMicroelectronics AN4345 Datasheet HTML 21Page - STMicroelectronics AN4345 Datasheet HTML 22Page - STMicroelectronics AN4345 Datasheet HTML 23Page - STMicroelectronics AN4345 Datasheet HTML 24Page - STMicroelectronics AN4345 Datasheet HTML 25Page - STMicroelectronics AN4345 Datasheet HTML 26Page - STMicroelectronics AN4345 Datasheet HTML 27Page - STMicroelectronics AN4345 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Test equipment and measurement of efficiency and light load performance
AN4345
24/28
DocID025078 Rev 1
Figure 38. Switch in position 1-setting for standby measurements
In case of high UUT input current (i.e. for measurements in heavy load conditions), the
voltage drop can be relevant compared to the UUT real input voltage. If this is the case, the
switch in Figure 37 can be changed to position 2 (see simplified scheme of Figure 39) where
the UUT input voltage is measured directly at the UUT input terminal and the input current
does not affect the measured input voltage.
Figure 39. Switch in position 2-setting for efficiency measurements
On the other hand, the position of Figure 39 may introduce a relevant error during light load
measurements, when the UUT input current is low and the leakage current inside the
voltmeter itself (which is not an ideal instrument and doesn't have infinite input resistance) is
not negligible. This is the reason why it is better to use the setting of Figure 38 for light load
measurements and Figure 39 for heavy load measurements.
AM13844V1
V
+
-
A
~
AC
SOURCE
UUT
U.U.T.
AC
INPUT
Voltmeter
Ammeter
Wattmeter
AM13845V1
V
+
-
~
AC
SOURCE
UUT
U.U.T.
AC
INPUT
Voltmeter
Ammeter
A
Wattmeter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com