Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4345 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4345
Description  This document describes a two output buck with the VIPer16LD
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4345 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4345 Datasheet HTML 9Page - STMicroelectronics AN4345 Datasheet HTML 10Page - STMicroelectronics AN4345 Datasheet HTML 11Page - STMicroelectronics AN4345 Datasheet HTML 12Page - STMicroelectronics AN4345 Datasheet HTML 13Page - STMicroelectronics AN4345 Datasheet HTML 14Page - STMicroelectronics AN4345 Datasheet HTML 15Page - STMicroelectronics AN4345 Datasheet HTML 16Page - STMicroelectronics AN4345 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
DocID025078 Rev 1
13/28
AN4345
Board testing
28
4.3
Standby performance
As explained in Section 2, two different settings of the IC biasing are possible in the present
product evaluation board.
If low standby power loss is a priority, J1 should be selected; it connects diode D6 and
disables the HV current generator during steady-state operation. If standby loss is not the
main focus, the IC can be self-biased (by deselecting J1), saving the cost of the D6 diode.
The standby performance is shown in the figure below for both cases, with linear regulator
disconnected and a 15 V Zener diode across the 12 V output to avoid overvoltage in no load
conditions.
The highest line represents the consumption of the converter in those cases where diode
D6 is not assembled (IC self-biased), the lower line is the consumption of the converter with
diode D6 (IC externally biased).
Figure 17. No load consumption
4.4
Efficiency
The active mode efficiency is defined as the average of efficiency measured at 25%, 50%,
75% and 100% of maximum load, at nominal input voltages (VIN = 115 VAC and VIN = 230
VAC).
External power supplies (those contained in a separate housing from the end-use devices
they are powering) need to comply with the Code of Conduct, version 5 active mode
efficiency criterion, which, for a power throughput of 1.5 W, states the active mode efficiency
is higher than 67.4% (CoC5 Tier 1, entered into force in january 2014); this limit should
increase to 70% starting from january 2016 (CoC5 Tier 2).
DOE (department of energy) recommendation is another standard, whose active mode
efficiency requirement for the same power throughput is 69.9%.
The above requirements refer to single output converters and they do not apply to the
presented evaluation board, which has two outputs. However, due to the following setting,
this board can be evaluated as a single output converter:
•
OUT1 loaded with a nominal load: IOUT1 = 130 mA (corresponding to the nominal
power throughput of the board when loaded on both outputs)
•
The L7805 connected but no loaded (IOUT2 = 0)
AM13822V1
0
25
50
75
100
125
150
175
200
225
250
80
105
130
155
180
205
230
255
Vin[V]
external biasing
self biasing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com