Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4345 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4345
Description  This document describes a two output buck with the VIPer16LD
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4345 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4345 Datasheet HTML 13Page - STMicroelectronics AN4345 Datasheet HTML 14Page - STMicroelectronics AN4345 Datasheet HTML 15Page - STMicroelectronics AN4345 Datasheet HTML 16Page - STMicroelectronics AN4345 Datasheet HTML 17Page - STMicroelectronics AN4345 Datasheet HTML 18Page - STMicroelectronics AN4345 Datasheet HTML 19Page - STMicroelectronics AN4345 Datasheet HTML 20Page - STMicroelectronics AN4345 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
DocID025078 Rev 1
17/28
AN4345
Functional check
28
5.2
Overload protection
In case of overload or short-circuit (see Figure 23), the current across the inductor L2
reaches the IDLIM value. In every cycle where this condition is met, a counter is
incremented; if it is maintained continuously for tOVLtime (50 msec typical, internally set) the
overload protection is tripped, the power section is turned off and the converter is disabled
for a tRESTART time (1 sec typical). When this time has elapsed, the IC resumes switching
and, if the short is still present, the protection occurs indefinitely in the same way (see
Figure 24). This ensures restart attempts of the converter with low repetition rate, so that it
can work safely with extremely low power throughput and avoid the IC overheating in case
of repeated overload events.
After the short removal, the IC resumes working normally. If the short is removed during tSS
or tOVL, i.e. before the protection tripping, the counter is decremented on a cycle-by-cycle
basis down to zero and the protection is not tripped.
If the short-circuit is removed during tRESTART, the IC must wait for the tRESTART period to
elapse before switching is resumed (see Figure 26).
Figure 23. Output short-circuit applied:
OLP tripping
Figure 24. Output short-circuit maintained:
OLP steady-state
AM13828V1
Output is shorted here
Normal
operation
tOVL
tRESTART
IL
AM13829V1
tRESTART
IL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com