Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4345 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4345
Description  This document describes a two output buck with the VIPer16LD
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4345 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4345 Datasheet HTML 16Page - STMicroelectronics AN4345 Datasheet HTML 17Page - STMicroelectronics AN4345 Datasheet HTML 18Page - STMicroelectronics AN4345 Datasheet HTML 19Page - STMicroelectronics AN4345 Datasheet HTML 20Page - STMicroelectronics AN4345 Datasheet HTML 21Page - STMicroelectronics AN4345 Datasheet HTML 22Page - STMicroelectronics AN4345 Datasheet HTML 23Page - STMicroelectronics AN4345 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Thermal measurements
AN4345
20/28
DocID025078 Rev 1
6
Thermal measurements
A thermal analysis of the product evaluation board in full load conditions at TAMB = 25 °C
has been performed using an IR camera. Results are shown in the following figures, where
the check points A, B, C and D indicate respectively: IC2, VIPer16LD, D4 and room
temperature.
Figure 31. Thermal measurement at VIN = 90 VAC, full load
(IOUT1 =100 mA,IOUT2 =50mA)
Figure 32. Thermal measurement at VIN = 115 VAC, full load
(IOUT1 =100 mA,IOUT2 =50mA)
AM13837V1
AM13838V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com