Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4345 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4345
Description  This document describes a two output buck with the VIPer16LD
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4345 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4345 Datasheet HTML 19Page - STMicroelectronics AN4345 Datasheet HTML 20Page - STMicroelectronics AN4345 Datasheet HTML 21Page - STMicroelectronics AN4345 Datasheet HTML 22Page - STMicroelectronics AN4345 Datasheet HTML 23Page - STMicroelectronics AN4345 Datasheet HTML 24Page - STMicroelectronics AN4345 Datasheet HTML 25Page - STMicroelectronics AN4345 Datasheet HTML 26Page - STMicroelectronics AN4345 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
DocID025078 Rev 1
23/28
AN4345
Test equipment and measurement of efficiency and light load performance
28
Appendix A
Test equipment and measurement of
efficiency and light load performance
The converter input power has been measured using a wattmeter. The wattmeter measures
simultaneously the converter input current (using its internal ammeter) and voltage (using its
internal voltmeter). The wattmeter is a digital instrument so it samples the current and
voltage and converts them to digital forms. Digital samples are then multiplied giving the
instantaneous measured power. The sampling frequency is in the range of 20 kHz (or higher
depending on the instrument used). The display provides the average measured power,
averaging the instantaneous measured power in a short period of time (1 sec typ.).
Figure 37 shows how the wattmeter is connected to the UUT (unit under test) and to the AC
source and the wattmeter internal block diagram.
Figure 37. Connections of the UUT to the wattmeter for power measurements
An electronic load has been connected to the output of the power converter (UUT), allowing
the converter load current to be set and measured, while the output voltage has been
measured by a voltmeter. The output power is the product between load current and output
voltage. The ratio between the output power, calculated as previously stated, and the input
power, measured by the wattmeter, is the converter's efficiency, which has been measured
in different input/output conditions.
A.1
Measuring input power
With reference to Figure 37, the UUT input current causes a voltage drop across the
ammeter's internal shunt resistance (the ammeter is not ideal so it has an internal resistance
higher than zero) and across the cables connecting the wattmeter to the UUT.
If the switch of Figure 37 is in position 1 (see also the simplified scheme of Figure 38), this
voltage drop causes an input measured voltage higher than the input voltage at the UUT
input that, of course, affects the measured power. The voltage drop is generally negligible if
the UUT input current is low (for example when we are measuring the input power of UUT in
light load conditions).
AM13843V1
A
V
DISPLAY
X
AVG
WATT METER
1
2
AC
SOURCE
U.U.T
(Unit Under test)
INPUT
Multiplier
Voltmeter
Ammeter
OUTPUT
+
Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com