Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4345 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4345
Description  This document describes a two output buck with the VIPer16LD
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4345 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4345 Datasheet HTML 10Page - STMicroelectronics AN4345 Datasheet HTML 11Page - STMicroelectronics AN4345 Datasheet HTML 12Page - STMicroelectronics AN4345 Datasheet HTML 13Page - STMicroelectronics AN4345 Datasheet HTML 14Page - STMicroelectronics AN4345 Datasheet HTML 15Page - STMicroelectronics AN4345 Datasheet HTML 16Page - STMicroelectronics AN4345 Datasheet HTML 17Page - STMicroelectronics AN4345 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Board testing
AN4345
14/28
DocID025078 Rev 1
In this manner, the board is compliant with the above mentioned standards, see Figure 18,
where the average efficiency measurements at 115 VAC (76.3%) and at 230 VAC (72.3%)
are plotted with dotted lines. In the same figure the efficiency at 25%, 50%, 75% and 100%
of load for both input voltages is also shown.
Figure 18. Active mode efficiency and comparison with CoC5 and DOE standards
CoC5 standard has also some requirements on the active mode efficiency when the output
load is 10% of the nominal output power. The comparison between the requirement for an
external power supply with a power throughput of 1.5 W and the performance of the
evaluation board is shown in Table 5, where the STEVAL-ISA119V1 is Tier 1 and Tier 2
compliant.
4.5
Light load performance
In the version 5 of the Code of Conduct, the power consumption of the power supply is
considered even if it is not loaded. Concerning standards, Table 6 gives some indications:
In no load condition and with different input voltages, the input power of the converter has
been measured and results are reported in Table 7.
Table 5. CoC5 requirement and performance at 10% output load
CoC5 minimum efficiency requirement in active mode at 10% of full
load (POUT = 1.5 W)
Board
performance
Tier 1
Tier 2
57.4%
60%
62.7%
AM13823V1
60
62
64
66
68
70
72
74
76
78
80
0.2
0.4
0.6
0.8
1
Iout [% I OUT ]
115
230
av @ 115Vac
av @ 230Vac
DOE
CoC 5Tier 2
CoC 5Tier 1
Table 6. Energy consumption criteria for no load
Nameplate output power (Pno)
Maximum power in no load for AC-DC EPS
Tier 1
Tier 2
0.3 W < Pno
≤ 49 W
0.15 W
0.075 W
50 W < Pno < 250 W
0.25 W
0.15 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com