Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4345 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4345
Description  This document describes a two output buck with the VIPer16LD
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4345 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4345 Datasheet HTML 8Page - STMicroelectronics AN4345 Datasheet HTML 9Page - STMicroelectronics AN4345 Datasheet HTML 10Page - STMicroelectronics AN4345 Datasheet HTML 11Page - STMicroelectronics AN4345 Datasheet HTML 12Page - STMicroelectronics AN4345 Datasheet HTML 13Page - STMicroelectronics AN4345 Datasheet HTML 14Page - STMicroelectronics AN4345 Datasheet HTML 15Page - STMicroelectronics AN4345 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Board testing
AN4345
12/28
DocID025078 Rev 1
The ripple at the switching frequency, superimposed to the output voltage VOUT1, has also
been measured and it is shown in figures below at maximum load and nominal input
voltages.
Figure 11. Line regulation
(external biasing, Iout2 = 0 mA)
Figure 12. Line regulation
(external biasing, Iout2 = 50 mA)
11.2
11.4
11.6
11.8
12
12.2
12.4
12.6
12.8
13
80
105
130
155
180
205
230
255
Vin[V]
0
25%
50%
75%
100%
AM13816V1
AM13817V1
11.2
11.4
11.6
11.8
12
12.2
12.4
80
105
130
155
180
205
230
255
Vin[V]
0
25%
50%
75%
100%
Figure 13. Load regulation
(external biasing, Iout2 = 0 mA)
Figure 14. Load regulation
(external biasing, Iout2 = 50 mA)
AM13818V1
11.6
11.8
12
12.2
12.4
12.6
12.8
13
0
0.05
0.1
Iout[A]
90
115
230
265
AM13819V1
11.6
11.8
12
12.2
12.4
12.6
12.8
13
0
0.05
0.1
Iout[A]
90
115
230
265
Figure 15. Output voltage ripple at max.
load 90 VAC
Figure 16. Output voltage ripple at max.
load 265 VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com