Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4345 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4345
Description  This document describes a two output buck with the VIPer16LD
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4345 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4345 Datasheet HTML 14Page - STMicroelectronics AN4345 Datasheet HTML 15Page - STMicroelectronics AN4345 Datasheet HTML 16Page - STMicroelectronics AN4345 Datasheet HTML 17Page - STMicroelectronics AN4345 Datasheet HTML 18Page - STMicroelectronics AN4345 Datasheet HTML 19Page - STMicroelectronics AN4345 Datasheet HTML 20Page - STMicroelectronics AN4345 Datasheet HTML 21Page - STMicroelectronics AN4345 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Functional check
AN4345
18/28
DocID025078 Rev 1
5.3
Feedback loop failure protection
This protection is available any time IC is externally biased. As the loop is broken (R4
shorted or R5 open), VOUT1 increases and the VIPER16LD runs to its maximum current
limitation. If J1 is selected, VDD pin voltage increases as well, because it is linked to VOUT1
through diode D6.
If VDD voltage reaches VDDclamp threshold (23.5 V min.) in less than 50 msec, IC is shut
down by open loop failure protection (see Figure 27 and 28), otherwise by OLP, as
described in the previous section. The breaking of the loop has been simulated by shorting
the low-side resistor of the output voltage divider, R4. The same behavior can be induced
opening the high-side resistor, R5 = R5A + R5B.
The protection acts in auto restart mode with tRESTART = 1 sec (see Figure 28). As the fault
is removed, normal operation is restored after last tRESTART interval has been completed
(see Figure 30).
Figure 25. Output short-circuit maintained:
OLP steady-state (zoom)
Figure 26. Output short-circuit removal and
converter restart
AM13831V1
tOVL
IL
AM13832V1
tRESTART
Normal
operation
Output short is
removed here
IL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com