Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1506 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1506
Description  A MOTOR DRIVES SYSTEM FOR WHEELCHAIR APPLICATIONS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1506 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1506 Datasheet HTML 2Page - STMicroelectronics AN1506 Datasheet HTML 3Page - STMicroelectronics AN1506 Datasheet HTML 4Page - STMicroelectronics AN1506 Datasheet HTML 5Page - STMicroelectronics AN1506 Datasheet HTML 6Page - STMicroelectronics AN1506 Datasheet HTML 7Page - STMicroelectronics AN1506 Datasheet HTML 8Page - STMicroelectronics AN1506 Datasheet HTML 9Page - STMicroelectronics AN1506 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AN1506 - APPLICATION NOTE
6/14
5. THE LOW VOLTAGE AC MOTOR DRIVE APPLICATION.
In the frame of a funded program aiming to develop an innovative traction system for wheelchair
application, a sinusoidal brushless motor drive has been developed. The system is powered by two lead-
acid batteries, which are connected in series, and the rated voltage in the dc bus is 24V, while the rated
capacity is 45Ah, thus the gross available energy to the traction system is about 1kWh. The
innovativeness of such low voltage applications is represented by traction systems based on chopper
converters feeding dc motors. Generally speaking, in the past such converters required paralleled
operations of many MOSFETs, since the on-state resistance of a single device was unacceptably high. In
the case study an injected current value of 80A in the motor will cause about 0.5 V-0.7V voltage drop in
the used MOSFET, which is quite acceptable.
The mechanical actuators of the drives are two permanent magnet brushless motors specifically
designed [4], rated speed 110 rpm, rated torque 20Nm, rated power 250W, rated current 15 A, number of
rotor poles 16, and equipped with coaxial position transducers (absolute encoders). Two-separated
three-phase current-regulated pulse-width modulated (CRPWM) inverters feed the motors. The two
motors have separated torque references, which are simultaneously given by means of a joystick
command; thus the steer action is automatically performed by control of the manipulator position. In
particular cases the motors can be required to develop a peak torque, and consequently the current fed
by the inverter should increase up to 70 A-80A for several tenth of seconds in order to obtain a torque
five times greater than the rated one.
The inverter current is controlled by a tolerance band technique [1, 2], which allows supplying sinusoidal-
shaped currents which amplitudes can be changed according to the load requirements. The devices in
the full bridge inverter receive the command at a switching frequency fs , which mainly depends on the
width of the hysteresis band (between 2-4%). Figure 6 reports the block diagram of the application, figure
7 the schematic of the 3-phase full bridge inverter.
Figure 6. Block diagram of the traction system for wheelchair applications
CURRENT
REFERENCE
DC-SIN
CONVERSION
CIRCUIT
Ref. A
Ref. B
Ref. C
SIN WAVE
GENERATOR
Current error amplifier
Current error amplifier
Current error amplifier
Driver
Driver
Driver
Driver
Driver
Driver
ROTOR POSITION
DETECTOR
3-PHASE
FULL
BRIDGE
INVERTER
ABSOLUTE
ENCODER
+
+
+
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com