Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1506 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1506
Description  A MOTOR DRIVES SYSTEM FOR WHEELCHAIR APPLICATIONS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1506 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1506 Datasheet HTML 6Page - STMicroelectronics AN1506 Datasheet HTML 7Page - STMicroelectronics AN1506 Datasheet HTML 8Page - STMicroelectronics AN1506 Datasheet HTML 9Page - STMicroelectronics AN1506 Datasheet HTML 10Page - STMicroelectronics AN1506 Datasheet HTML 11Page - STMicroelectronics AN1506 Datasheet HTML 12Page - STMicroelectronics AN1506 Datasheet HTML 13Page - STMicroelectronics AN1506 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AN1506 - APPLICATION NOTE
11/14
ripple is increased but is still tolerable. In figure 12 the whole results of the two test conditions with
different switching frequencies are given; the traces are relative to the total power losses and the
conduction ones.
TABLE 2. THERMAL BEHAVIOR OF THE POWER MOSFET AT DIFFERENT LOAD CONDITIONS:
HYSTERESIS BAND 4%
Figure 11. Experimental traces of the phase currents. The switching frequency of the inverter is
1kHz as consequence of the increased tolerance band of the hysteresis comparators (Ia=10A/div,
t=50ms/div)
I
[A]
TH
[C]
Ptot
[W]
Pcon
[W]
Psw
[W]
RDS(on)
[m
Ω]
5.74
50.2
1.68
0.06
1.62
6.90
9.08
60.8
2.39
0.15
2.24
7.22
10.30
64.3
2.62
0.19
2.43
7.32
13.13
71.3
3.08
0.32
2.76
7.53
15.00
76.0
3.40
0.43
2.97
7.68
19.70
95.0
4.67
0.80
3.87
8.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com