Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1506 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1506
Description  A MOTOR DRIVES SYSTEM FOR WHEELCHAIR APPLICATIONS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1506 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1506 Datasheet HTML 5Page - STMicroelectronics AN1506 Datasheet HTML 6Page - STMicroelectronics AN1506 Datasheet HTML 7Page - STMicroelectronics AN1506 Datasheet HTML 8Page - STMicroelectronics AN1506 Datasheet HTML 9Page - STMicroelectronics AN1506 Datasheet HTML 10Page - STMicroelectronics AN1506 Datasheet HTML 11Page - STMicroelectronics AN1506 Datasheet HTML 12Page - STMicroelectronics AN1506 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AN1506 - APPLICATION NOTE
9/14
through the MOSFET (forward conduction, positive current) or through the intrinsic diode (dead time, and
reverse current), or through the MOSFET in reverse conduction and gate biased.
Figure 9. Sinusoidal-shaped current through the upper device and the lower device (first half
period), and vice-versa in the second half period
The behavior of the MOSFET while it is in such a reverse conduction, via the intrinsic body diode or via
the channel, is clearly shown in figure 10, where the time interval adopted as dead time of the inverter is
also evident.
Accordingly, the conduction power loss can be calculated by:
Finally the total power losses can be evaluated by:
Vd (+24V)
T
A+
D
A+
I
TA+
T
A-
D
A-
I
TA-
I
L
I
TA+
I
L
I
TA-
P
con
j
1
f
s
R
on
0
i
con j
i
2
Dj
dt
R
on
1
T
1
-----
21rms
2
π
T
1
------
sin
t


0
T
12
dt=
=
P
con
0.5R
onI
2
rms
=8
()
P
tot
P
on
P
off
0.5
++
R
onI
2
rms
=9
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com