Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1506 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1506
Description  A MOTOR DRIVES SYSTEM FOR WHEELCHAIR APPLICATIONS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1506 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1506 Datasheet HTML 1Page - STMicroelectronics AN1506 Datasheet HTML 2Page - STMicroelectronics AN1506 Datasheet HTML 3Page - STMicroelectronics AN1506 Datasheet HTML 4Page - STMicroelectronics AN1506 Datasheet HTML 5Page - STMicroelectronics AN1506 Datasheet HTML 6Page - STMicroelectronics AN1506 Datasheet HTML 7Page - STMicroelectronics AN1506 Datasheet HTML 8Page - STMicroelectronics AN1506 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AN1506 - APPLICATION NOTE
2/14
The strip-based layout is a new approach [2], which allows using a simplified process for implanting the
body and isolating the poly silicon gate from the source. The new technology is very effective in
eliminating the limit of the cell-based layout, which relies on the capability to open smaller and smaller
windows on the poly silicon area in order to obtain greater cell-density figures. With the strip-based
layout, MOSFET devices show improved performances and a simpler manufacturing process. Moreover,
they benefit of the well-established and advanced design rules typical of VLSI processes. On-state
resistance values as low as 1.2m
Ω can be reached, but the overall MOSFET design must account for the
best trade-off of a merit figure, which is the product of the on-state resistance and the gate charge values
(Ron QG).
In this paper the main issues of the new technology are briefly recalled, and the device structure is
described and discussed. The static and dynamic characteristics of devices belonging to this new family
of MOSFETs are presented and compared with those of more traditional ones. Conventional
experimental tests have been carried out and are discussed aiming to determine the impact of turn on
and turn off energy loss [3]. A low-voltage battery-powered converter for wheel chairs is used as a
workbench for an application-oriented characterization. Some relevant tests are reported and discussed.
A detailed analysis is done on the conduction and switching losses and the thermal behavior in the actual
application.
3. MAIN TECHNOLOGY ISSUES OF STRIP-BASED MOSFET.
The structure of a strip-based MOSFET device overcomes the limit of a cell structure. In figure 1 the
geometry of the two differently conceived devices are shown. The main differences between a standard
square-cell layout and the strip implementation may be better understood by inspecting figure 2. In the
conventional cell structure shown, all subsequent contacts and isolation openings must be confined and
aligned inside the largest square windows opened on the poly silicon layer whose side is L in figure 2.
That dimension depends on the alignment, the resolution, and the process tolerances and can be
expressed as:
where:
• c is the contact dimension for the body region imposed by the resolution of the photolithography
equipment;
• b is the contact dimension for the source region which depends on the alignment capability and on the
metallization process;
• t is the separation (isolation) between the poly and source metal and is controlled by the alignment
feature.
Consequently, the standard cell layout depends on three feature sizes.
Lc
2b
2t
++
=1
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com