Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1506 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN1506
Description  A MOTOR DRIVES SYSTEM FOR WHEELCHAIR APPLICATIONS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1506 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN1506 Datasheet HTML 6Page - STMicroelectronics AN1506 Datasheet HTML 7Page - STMicroelectronics AN1506 Datasheet HTML 8Page - STMicroelectronics AN1506 Datasheet HTML 9Page - STMicroelectronics AN1506 Datasheet HTML 10Page - STMicroelectronics AN1506 Datasheet HTML 11Page - STMicroelectronics AN1506 Datasheet HTML 12Page - STMicroelectronics AN1506 Datasheet HTML 13Page - STMicroelectronics AN1506 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
AN1506 - APPLICATION NOTE
12/14
Figure 12. Total power losses at two switching frequencies (1kHz and 24.5kHz), and conduction
losses in a power MOSFET of the inverter leg
6. CONCLUSION.
A full characterization of the device has been presented. First of all the MOSFET has been tested in
order to evaluate the static and dynamic performances by traditional procedures. Then the device
behavior has been investigated in a conventional chopper circuit, and several switching cycles have
been performed in order to define, at constant clamp voltage, the trend of the energy losses as function
of the drain current. A full characterization on a specific battery-powered converter has been presented
and discussed. In particular, an analysis of the power losses has been previously carried out aiming to
calculate and separate the switching and conduction contributions in such an application. Finally an
experimental validation by a steady state thermal behavior has been performed to apply the analytical
relations that have been determined. The results are interesting thus encouraging the use of the internal
diode as antiparallel diode. In conclusion, the power MOSFETs presented has been demonstrated to be
very suitable for inverter bridges in the field of commercial and industrial applications working at low
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com