Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1506 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1506
Description  A MOTOR DRIVES SYSTEM FOR WHEELCHAIR APPLICATIONS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1506 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1506 Datasheet HTML 3Page - STMicroelectronics AN1506 Datasheet HTML 4Page - STMicroelectronics AN1506 Datasheet HTML 5Page - STMicroelectronics AN1506 Datasheet HTML 6Page - STMicroelectronics AN1506 Datasheet HTML 7Page - STMicroelectronics AN1506 Datasheet HTML 8Page - STMicroelectronics AN1506 Datasheet HTML 9Page - STMicroelectronics AN1506 Datasheet HTML 10Page - STMicroelectronics AN1506 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AN1506 - APPLICATION NOTE
7/14
Figure 7. Schematic of the 3-phase full bridge inverter
In our case study with a figure of 4% a (quasi-constant) commutation frequency of 24.5kHz has been
observed. Figure 8 shows the experimental traces of the three sinusoidal currents feeding the motor. The
fundamental inverter frequency is 0.5Hz according to the need of the low speed on the wheel shaft.
Figure 8. Traces of the motor phase currents while the drive is operating at a fundamental
frequency of 0.5Hz (Ia,b,c=5A/div, t=500ms/div)
5.1. Power Losses Estimation.
The device power losses are related to the switching behavior, and the on-state condition. In a generic
j-
th switching cycle the energy losses at turn-on, turn-off, and on-state condition are expressed
respectively by:
Vd (+24V)
T
A+
T
A-
D
A+
D
A-
T
B+
D
B+
T
B-
D
B-
T
C+
D
C+
T
C-
D
C-
PHASE A
PHASE B
PHASE C
PM MOTOR
ABSOLUTE
ENCODER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com