Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1506 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1506
Description  A MOTOR DRIVES SYSTEM FOR WHEELCHAIR APPLICATIONS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1506 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1506 Datasheet HTML 1Page - STMicroelectronics AN1506 Datasheet HTML 2Page - STMicroelectronics AN1506 Datasheet HTML 3Page - STMicroelectronics AN1506 Datasheet HTML 4Page - STMicroelectronics AN1506 Datasheet HTML 5Page - STMicroelectronics AN1506 Datasheet HTML 6Page - STMicroelectronics AN1506 Datasheet HTML 7Page - STMicroelectronics AN1506 Datasheet HTML 8Page - STMicroelectronics AN1506 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AN1506 - APPLICATION NOTE
5/14
Figure 4. Energy losses during turn off and turn on transients versus the drain current at VDS=24V
Since the performances of the body-drain diode could be conveniently exploited in bridge topologies, the
characteristics of this intrinsic diode have been tested. A favorable characteristic of this internal body-
drain diode is its high dv/dt capability; crucial in all bridge topologies such as motor drives or
uninterruptible power supply (UPS). For the used device the allowed limit is 10V/ns. Finally in figure 5 the
static characteristics of the new MOSFET are reported. In forward conduction (positive drain voltage) the
I/V characteristic of the MOSFET is traced. In reverse conduction two static characteristics are reported
relative to the MOSFET and the intrinsic diode: at zero source-gate voltage the current will flow
exclusively as a diode current; with a gate bias voltage the current will flow through the MOSFET as in
the case of synchronous rectifier applications.
Figure 5. Static characteristics of the new MOSFET and its body-drain diode at a temperature of
125°C
E
off
E
on
60
50
40
30
20
10
0
510
15
20
25
I [A]
E [µJ]
150
100
50
-0
-50
-100
-150
1.5
-1
-0.5
0
0.5
1
1.5
DIODE
MOS
V
DS [V]
I
D [A]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com