Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1506 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN1506
Description  A MOTOR DRIVES SYSTEM FOR WHEELCHAIR APPLICATIONS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1506 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN1506 Datasheet HTML 6Page - STMicroelectronics AN1506 Datasheet HTML 7Page - STMicroelectronics AN1506 Datasheet HTML 8Page - STMicroelectronics AN1506 Datasheet HTML 9Page - STMicroelectronics AN1506 Datasheet HTML 10Page - STMicroelectronics AN1506 Datasheet HTML 11Page - STMicroelectronics AN1506 Datasheet HTML 12Page - STMicroelectronics AN1506 Datasheet HTML 13Page - STMicroelectronics AN1506 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AN1506 - APPLICATION NOTE
10/14
Figure 10. Reverse conduction of the power MOSFET through the intrinsic body diode or through
the channel (ID=5A/div, VF=0.5V/div, VGS=5 V/div, t=5ms/div)
5.2. Power Losses Measurement from the Thermal Behavior.
The total power losses Ptot, in the steady-state conditions as before described, are related to the actual
heat sink temperature by relation:
where TH is the heat sink temperature, TA is the ambient temperature (25°C), and Rth, HA is the thermal
resistance between the heat sink and the ambient. Relation (10) can be used to indirectly measure the
total power losses, by measuring the ambient and heat sink temperatures and knowing the thermal
resistance.
First of all the thermal resistance has been experimentally established, by means of a specific test with
known power condition, at Rth, HA=15°C/W accounting for the actual layout. Hence, the total power
losses expressed by relation (9) have been evaluated by (10) measuring the temperatures in the
prototype in several loaded conditions. A separation in switching and conduction power losses has been
carried out by calculating Pcon through equation (8) and Psw as difference of the total and the conduction
power losses. The main results obtained are reported in the Table 2.
The same test procedure has been repeated with a different hysteresis band (about 18%), which implies
a different ripple on the phase currents of the motor, in order to determine the influence of the switching
frequency on the thermal behavior of the devices. In such a condition the switching frequency reduced to
1kHz. The traces of the motor currents for this new operating condition are reported in figure 11. The
P
tot
T
H
T
A
R
th HA
,
-------------------
=
10
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com