Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1506 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1506
Description  A MOTOR DRIVES SYSTEM FOR WHEELCHAIR APPLICATIONS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1506 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1506 Datasheet HTML 1Page - STMicroelectronics AN1506 Datasheet HTML 2Page - STMicroelectronics AN1506 Datasheet HTML 3Page - STMicroelectronics AN1506 Datasheet HTML 4Page - STMicroelectronics AN1506 Datasheet HTML 5Page - STMicroelectronics AN1506 Datasheet HTML 6Page - STMicroelectronics AN1506 Datasheet HTML 7Page - STMicroelectronics AN1506 Datasheet HTML 8Page - STMicroelectronics AN1506 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1. ABSTRACT
This paper deals with a new concept applied in designing low-voltage power MOSFETs that are suitable
for high-current low-voltage converter applications. The layout of the proposed device family overcomes
the traditional cell structure by a new strip-based geometry. They present interesting characteristics due
to the advanced design rules typical of VLSI processes and strong reduction of the on-state resistance.
Further, the technology process allows a significant simplification of the silicon fabrication steps, thus
allowing to enhance the device ruggedness. The high current handling in switching conditions (up to
150A) with a breakdown voltage in the range between 20-50V in a convenient package solution give the
correct answers to the low-voltage range switch applications. This paper starts with the description of the
main technology issues in comparison with that of standard devices, particularly focusing on the
innovations and the improved performances. Moreover, a detailed characterization of the MOSFET
behavior in a traditional test circuit as well as in an actual AC motor drive for wheel chair applications are
presented and discussed.
2. INTRODUCTION.
Higher efficiencies are expected nowadays in the field of power converters for battery-powered systems.
As industrial and commercial applications of these systems are increasing more and more (laptops,
portable equipment, home appliances, electric assisted bikes, electric scooters, wheel chairs, mobiles,
etc.), higher efficiencies become of major interest in order to meet the user requirements of long-lasting
behavior with the same battery charge. To do that, researchers have made dramatic efforts in designing
new converter structures, in increasing the converter switching frequency and in conceiving innovative
power devices.
Generally speaking, battery powered systems require low-voltage switching devices (<100V). Power
MOSFET devices dominate in this voltage range due to their attractive characteristics of high switching
speed and easy driving capability. On-state losses of MOSFETs are of major concern on their total power
loss balance, especially in case of converters with low or medium switching frequency. Since on-state
losses depend on the drain-source resistance (Ron), which is strictly related to the structure design, many
modern MOSFETs are realized with a cell-based layout, which determines low on-state resistance. The
increase of the cell density allows to further reduce the on-state resistance, thus increasing the current
capability per device area-unit. However, for today’ s state-of-the-art MOSFETs, ulterior reduction of the
on-state resistance by this conventional layout is impeded since this approach is reaching its own
physical limit [1]. The need of innovative approaches arises in order to overcome the limit of this
technology.
January 2002
1/14
AN1506
APPLICATION NOTE
A MOTOR DRIVES SYSTEM FOR
WHEELCHAIR APPLICATIONS
G. Belverde - C. Guastella - M. Melito - A. Raciti


Similar Part No. - AN1506

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
AN1506 ARISTA-AN1506 Datasheet
2Mb / 58P
7280 Series 1 RU (Gen 3) Data Center Switches
More results

Similar Description - AN1506

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6504H SANYO-LA6504H Datasheet
94Kb / 10P
Monolithic Linear IC DVD System motor Drives
logo
Infineon Technologies A...
TLE7184F INFINEON-TLE7184F Datasheet
705Kb / 35P
System IC for B6 motor drives
Rev. 1.0, Dec. 2008
logo
Vincotech
V23990-P589-A31-P1-14 VINCOTECH-V23990-P589-A31-P1-14 Datasheet
483Kb / 22P
Motor Drives Low audible noise applications
logo
List of Unclassifed Man...
FN3258-75-34 ETC2-FN3258-75-34 Datasheet
205Kb / 4P
Ultra-compact EMC/RFI Filter for Motor Drives Applications
logo
Infineon Technologies A...
TLE7184F INFINEON-TLE7184F_15 Datasheet
1Mb / 38P
System IC for B6 motor drives
Rev. 1.1, 2011-04-08
logo
STMicroelectronics
STGIPS15C60T-H STMICROELECTRONICS-STGIPS15C60T-H Datasheet
640Kb / 19P
3-phase inverters for motor drives
09-Apr-2015
logo
Infineon Technologies A...
TLE7186F INFINEON-TLE7186F Datasheet
1Mb / 39P
System IC for B6 motor drives
Rev. 1.2, 2016-01-28
TLE7184F3V INFINEON-TLE7184F3V Datasheet
1Mb / 36P
System IC for B6 motor drives
Rev.1.2, 2016-01-27
TLE7184F INFINEON-TLE7184F_16 Datasheet
1Mb / 38P
System IC for B6 motor drives
Rev. 1.2, 2016-01-28
FF225R12ME4P INFINEON-FF225R12ME4P Datasheet
588Kb / 9P
Motor drives
V3.0 2017-04-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com