Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4544 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4544
Description  IGBT datasheet tutorial
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4544 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4544 Datasheet HTML 9Page - STMicroelectronics AN4544 Datasheet HTML 10Page - STMicroelectronics AN4544 Datasheet HTML 11Page - STMicroelectronics AN4544 Datasheet HTML 12Page - STMicroelectronics AN4544 Datasheet HTML 13Page - STMicroelectronics AN4544 Datasheet HTML 14Page - STMicroelectronics AN4544 Datasheet HTML 15Page - STMicroelectronics AN4544 Datasheet HTML 16Page - STMicroelectronics AN4544 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
DocID026535 Rev 1
13/35
AN4544
Datasheet explanation
35
2.4.3
Forward biased safe operating area (FBSOA)
This shows the collector current IC as a function of the collector-emitter voltage VCE at
different pulses.
Figure 9. Forward bias safe operating area
a)
This area is limited by the conduction loss VCE(sat) at maximum junction
temperature.
b)
The top limit is related to the maximum pulsed collector current.
c)
This area depends on the pulse length of the applied power pulse, the thermal
impedance changes and leads to different maximum power losses. For a given
pulse length, the thermal impedance ZthJC has to be determined by looking at the
specific diagram.
d)
The maximum breakdown voltage V(BR)CES is determined by the technology and
limits the diagram on the right-hand side.
2.4.4
Peak of collector current ratings (ICP)
These ratings indicate how much pulsed current the device can handle, which is
significantly higher than the rated continuous current.
The purposes of ICP ratings are:
Keeping IGBT operating conditions in the “linear” region of its transfer characteristic
(see Figure 10). There is a maximum collector current for a respective gate-emitter
voltage that the IGBT conducts. If the operating point at a given gate-emitter voltage
IC
100
10
0.1
0.01
1
(A)
10
VCE(V)
1
10μs
100μs
1ms
100
Single pulse, Tc=25°C
Tj<175°C, VGE=15V
(b)
(a)
(c)
(d)
AM17392v1
Table 3. Pulsed IC details in absolute maximum ratings
Symbol
Parameter
Value
Unit
ICP
(1)
1.
Pulse width limited by maximum junction temperature.
Pulsed collector current
160
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com