Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4544 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN4544
Description  IGBT datasheet tutorial
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4544 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN4544 Datasheet HTML 24Page - STMicroelectronics AN4544 Datasheet HTML 25Page - STMicroelectronics AN4544 Datasheet HTML 26Page - STMicroelectronics AN4544 Datasheet HTML 27Page - STMicroelectronics AN4544 Datasheet HTML 28Page - STMicroelectronics AN4544 Datasheet HTML 29Page - STMicroelectronics AN4544 Datasheet HTML 30Page - STMicroelectronics AN4544 Datasheet HTML 31Page - STMicroelectronics AN4544 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Datasheet explanation
AN4544
28/35
DocID026535 Rev 1
Eon is the amount of total energy lost during turn-on under inductive load, and it includes the
loss from the diode reverse recovery. It is measured from the point where the collector
current begins to flow (10% IC) to the point where the collector-emitter voltage reaches 10%
of VCE.
Eoff is the amount of total energy lost during turn-off under inductive load. It is measured
from the point where the collector-emitter voltage begins to rise (measures starts from 10%
VCE) to the point where the collector current falls to zero.
Eon, Eoff are specified at T= 25 °C and 175 °C, IC @ T= 100 °C, VGE= 15 V, for VCC= 400 V
(for 600 V / 650 V devices) and under inductive load conditions. Data for T=175 °C are
provided to the user because the temperature of the devices in the system rises during
operation. Switching energy rises due to increase of IC (collector current), RG (gate
resistance), T (case/junction temperature) and VCE (bus voltage). Figure 25 and Figure 26
show detailed changes of switching energy in relation to changes of IC, RG, T and VCE.
These data are not absolute values, but they are included in the datasheet as a reference
for design purposes.
Figure 25. Switching losses vs. collector
current
Figure 26. Switching losses vs. gate resistance
E(μJ)
0
0
IC(A)
800
20
40
400
1200
60
80
VCC=400V, VGE=15V
Rg=10Ω, Tj=175°C
1600
2000
2400
2800
Eon
Eoff
AM17399v1
E(μJ)
0
Rg(Ω)
700
10
20
300
1100
30
40
VCC=400V, VGE=15V
IC=40A, Tj=175°C
1500
1900
2300
Eon
Eoff
AM17400v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com