Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4544 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4544
Description  IGBT datasheet tutorial
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4544 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4544 Datasheet HTML 13Page - STMicroelectronics AN4544 Datasheet HTML 14Page - STMicroelectronics AN4544 Datasheet HTML 15Page - STMicroelectronics AN4544 Datasheet HTML 16Page - STMicroelectronics AN4544 Datasheet HTML 17Page - STMicroelectronics AN4544 Datasheet HTML 18Page - STMicroelectronics AN4544 Datasheet HTML 19Page - STMicroelectronics AN4544 Datasheet HTML 20Page - STMicroelectronics AN4544 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
DocID026535 Rev 1
17/35
AN4544
Datasheet explanation
35
Figure 13. Maximum normalized ZthJC function of pulse duty factor (δ) and loading
time (tp)
Figure 13 shows the variation of the normalized thermal impedance for the specified pulse
duty factor
δ=tp/t as a function of the loading time tp (pulse width).
The dissipated heat has to pass through several different layers with their thermal
resistances and thermal capacitances. Therefore, according to the pulse length, either the
thermal resistance or the thermal capacitance handle with the device’s behavior. The
increase of the junction temperature can be calculated as follows: TJstart = TC:
Equation 7
10
-5
10
-4
10
-3
10
-2
10
-1
tp(s)
10
-2
10
-1
K
0.2
0.05
0.02
0.01
0.1
Zth=k Rthj-c
δ=tp/t
tp
t
Single pulse
δ=0.5
ZthTO2T_B
T
j
T
Jstart
ΔT
j
T
Jstart
Z
thJc tp,δ
() P
tot
T
Jstart
k
+
=
×
t
p,δ
() R
thJc
P
tot
×
×
+
=
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com