Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4544 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4544
Description  IGBT datasheet tutorial
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4544 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4544 Datasheet HTML 12Page - STMicroelectronics AN4544 Datasheet HTML 13Page - STMicroelectronics AN4544 Datasheet HTML 14Page - STMicroelectronics AN4544 Datasheet HTML 15Page - STMicroelectronics AN4544 Datasheet HTML 16Page - STMicroelectronics AN4544 Datasheet HTML 17Page - STMicroelectronics AN4544 Datasheet HTML 18Page - STMicroelectronics AN4544 Datasheet HTML 19Page - STMicroelectronics AN4544 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Datasheet explanation
AN4544
16/35
DocID026535 Rev 1
Rth(JC): thermal resistance from the device junction to the device case. It is the thermal
resistance when the package is mounted on the infinite heatsink
Rth(CH): the contact thermal resistance between the device case and the heatsink
Rth(HA): thermal resistance from the heatsink to ambient
Figure 12. Thermal resistance scheme
The thermal resistance stated in datasheet refers to the above mentioned RTH(J-C) and to
the overall RTH(J-A).
Equation 6
2.4.9
Maximum transient thermal impedance (ZthJC)
Transient thermal impedance takes into account the heat capacity of the device to estimate
temperatures resulting from power loss on transient base.
Table 7. Absolute maximum ratings for J-C and J-A thermal resistances
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case IGBT
0.53
°C/W
RthJC
Thermal resistance junction-case diode
1.14
°C/W
RthJA
Thermal resistance junction-ambient
50
°C/W
R
th j
a
–
()
R
th j
c
–
()
R
th c
h
–
()
R
th h
a
–
()
++
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com