Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4544 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4544
Description  IGBT datasheet tutorial
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4544 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4544 Datasheet HTML 19Page - STMicroelectronics AN4544 Datasheet HTML 20Page - STMicroelectronics AN4544 Datasheet HTML 21Page - STMicroelectronics AN4544 Datasheet HTML 22Page - STMicroelectronics AN4544 Datasheet HTML 23Page - STMicroelectronics AN4544 Datasheet HTML 24Page - STMicroelectronics AN4544 Datasheet HTML 25Page - STMicroelectronics AN4544 Datasheet HTML 26Page - STMicroelectronics AN4544 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
DocID026535 Rev 1
23/35
AN4544
Datasheet explanation
35
2.6.4
Reverse transfer capacitance (Cres)
This is the reverse transfer capacitance measured between the collector and gate terminals
with the emitter connected to ground. The reverse transfer capacitance is equal to the gate
to collector capacitance:
Equation 11
The reverse transfer capacitance, often referred to as the Miller capacitance, is one of the
major parameters affecting voltage rise and fall times during switching.
Figure 19. STGW40V60DF capacitance variation
Figure 19 shows a graph of typical capacitance values versus collector-to-emitter voltage.
These capacitances decrease over a range of increasing collector-to-emitter voltage,
especially the output and reverse transfer capacitances. This variation is linked to the gate
charge data. These parameters are not tested in production.
2.6.5
Gate charge (Qge), (Qgc) and (Qg)
IGBT gate charge values are useful to design the gate drive circuit, since it takes into
account the changes of capacitance and voltage during a switching transient, by estimating
gate drive losses.
They cannot be used to predict switching times, because of the minority carrier due to the
NPN and PNP structure inside the IGBT.
Qge is the charge from the origin to the first inflection in the curve, Qgc is the charge from the
first to second inflection in the curve (also known as the “Miller” charge), and Qg is the
charge from the origin to the point on the curve at which VGE equals the peak drive voltage.
Gate charge values vary with collector current and collector-emitter voltage but not with
temperature. The graph of gate charge is typically included in the datasheet showing gate
charge curves for a fixed collector current and different collector-emitter voltages. The gate
charge values reflect charge stored on capacitances.
C
res
C
GC
=
C(pF)
10
0.1
VCE(V)
1000
1
10
100
10000
Cies
Coes
Cres
AM17397v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com