Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4544 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4544
Description  IGBT datasheet tutorial
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4544 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4544 Datasheet HTML 10Page - STMicroelectronics AN4544 Datasheet HTML 11Page - STMicroelectronics AN4544 Datasheet HTML 12Page - STMicroelectronics AN4544 Datasheet HTML 13Page - STMicroelectronics AN4544 Datasheet HTML 14Page - STMicroelectronics AN4544 Datasheet HTML 15Page - STMicroelectronics AN4544 Datasheet HTML 16Page - STMicroelectronics AN4544 Datasheet HTML 17Page - STMicroelectronics AN4544 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Datasheet explanation
AN4544
14/35
DocID026535 Rev 1
goes above the linear region, the result is a significant collector-emitter voltage rise and
consequent rise of conduction loss and possible device destruction.
•
Preventing burnout or latchup. Although the pulse width is theoretically too short to
overheat the die, exceeding the ICP ratings can cause burnout or latchup.
•
Preventing the die overheats. The note 1 implies that ICP is based on a thermal
limitation depending on the pulse width. This is always true for two reasons:
–
There is some margin in the ICP ratings
–
Whatever the failure mechanism is, overheating is the observed end result
•
Avoid excessive current through the bond wires
Figure 10. IGBT transfer characteristics
Regarding ICP thermal limitation, the temperature rise depends on the pulse width, time
among pulses, heat dissipation, and VCE(sat) as well as the shape and magnitude of the
current pulse. Remaining within ICP limits does not assure that the maximum junction
temperature is not exceeded.
2.4.5
Gate-to-emitter voltage (VGE)
VGE stands for the allowable range voltage between the gate and emitter terminals.
Exceeding VGE range may result in permanent device degradation due to oxide breakdown
and dielectric rupture. Remaining within these ratings assures application reliability. This
value, with reasonable guard band, is 100% tested and warranted.
Table 4. VGE information showed in maximum ratings
Symbol
Parameter
Value
Unit
VGE
Gate-emitter voltage
±20
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com