Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4544 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4544
Description  IGBT datasheet tutorial
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4544 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4544 Datasheet HTML 15Page - STMicroelectronics AN4544 Datasheet HTML 16Page - STMicroelectronics AN4544 Datasheet HTML 17Page - STMicroelectronics AN4544 Datasheet HTML 18Page - STMicroelectronics AN4544 Datasheet HTML 19Page - STMicroelectronics AN4544 Datasheet HTML 20Page - STMicroelectronics AN4544 Datasheet HTML 21Page - STMicroelectronics AN4544 Datasheet HTML 22Page - STMicroelectronics AN4544 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
DocID026535 Rev 1
19/35
AN4544
Datasheet explanation
35
2.5.1
Collector-to-emitter saturation voltage - VCE(sat)
VCE(sat) is the on-state collector-to-emitter voltage drop and represents the IGBT power
dissipation during conduction time. This voltage is a function of collector current (IC) gate-
emitter voltage (VGE) and junction temperature (TJ) and so it is specified at the rated IC,
VGE = 15 V and TJ = 25 °C, 125 °C and 175 °C. The IGBT is used as a switch and the range
of VCE is within the saturation region. Increasing VGE rises the channel conductivity and
reduces VCE(sat), while increasing the collector current also increases the VCE(sat).
Figure 14. Cross section of a trench field-stop IGBT
From the equivalent circuit, VCE(sat) is given by:
Equation 8
where:
•
VBE(PNP) is the base-emitter voltage of PNP transistor (see Figure 16)
•
IMOS is the drain current of the Power MOSFET
•
RS is the resistance of the conductivity modulated n-region
•
RCH is the channel resistance of the Power MOSFET
Furthermore VCE(sat) is temperature sensitive and decreases according to the temperature
rise (negative temperature coefficient) until a certain crossover point is reached, after which
VCE(sat) begins increasing (positive temperature coefficient).
V
CE sat
()
V
BE PNP
()
I
MOS
R
S
R
CH
+
()
×
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com