Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4544 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4544
Description  IGBT datasheet tutorial
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4544 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4544 Datasheet HTML 18Page - STMicroelectronics AN4544 Datasheet HTML 19Page - STMicroelectronics AN4544 Datasheet HTML 20Page - STMicroelectronics AN4544 Datasheet HTML 21Page - STMicroelectronics AN4544 Datasheet HTML 22Page - STMicroelectronics AN4544 Datasheet HTML 23Page - STMicroelectronics AN4544 Datasheet HTML 24Page - STMicroelectronics AN4544 Datasheet HTML 25Page - STMicroelectronics AN4544 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Datasheet explanation
AN4544
22/35
DocID026535 Rev 1
2.6.1
Input, output and reverse transfer capacitances (Cies), (Coes) and (Cres)
IGBT dynamical characteristics are influenced by parasitic capacitances. The typical values
of the capacitance are measured under specific conditions: VCE = 25 V, f = 1 MHz and
VGE = 0 V, and its decrease is inversely proportional to the biased voltage introduced in the
collector-to-emitter.
Figure 18. IGBT section and equivalent model with parasitic capacitances between
terminals
2.6.2
Input capacitance (Cies)
This is the input capacitance measured between the gate and emitter terminals with the
collector shorted to the emitter for AC signals. Cies is given by the gate to collector
capacitance (CGC) in parallel with the gate to emitter capacitance (CGE):
Equation 9
The input capacitance has to be charged to the threshold voltage before the device begins
to turn on, and discharged to the plateau voltage before the device begins to turn off.
Therefore both the impedance of the drive circuitry and Cies, have a direct relationship to the
turn on and turn off delays.
2.6.3
Output capacitance (Coes)
This is the output capacitance measured between the collector and emitter terminals with
the gate shorted to the emitter for AC voltages. Coes is given by the collector-to-emitter
capacitance (CCE) in parallel with the gate to collector capacitance (CGC):
Equation 10
For soft switching applications, Coes can affect the resonance of the circuit.
C
ies
C
GE
C
GC
+
=
C
oes
C
CE
C
GC
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com